Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6412A Datasheet(PDF) 20 Page - STMicroelectronics

Part # STV6412A
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6412A Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STV6412A Datasheet HTML 16Page - STMicroelectronics STV6412A Datasheet HTML 17Page - STMicroelectronics STV6412A Datasheet HTML 18Page - STMicroelectronics STV6412A Datasheet HTML 19Page - STMicroelectronics STV6412A Datasheet HTML 20Page - STMicroelectronics STV6412A Datasheet HTML 21Page - STMicroelectronics STV6412A Datasheet HTML 22Page - STMicroelectronics STV6412A Datasheet HTML 23Page - STMicroelectronics STV6412A Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
STV6412A
20/24
Figure 13. Video Outputs (Pins 38, 40, 42, 44,
46, 48)
Figure 14. Audio Inputs (Pins 7, 9 11, 13, 19, 20,
22, 23)
Figure 15. Slow Blanking I/O (Pins 59, 61)
Figure 16. Trap Filter (Pin 34)
Figure 17. Audio Outputs (Pins 27, 28, 29, 30,
32, 33,35)
Figure 18. Interrupt Output (Pin 58)
Protected Pad
VCC 5V
ib
VCCB1,2 ...7 5V
VCCA 9V
Protected Pad
50 k
Ω
VCC/2
IB
Protected Pad
VCC12 12 V
110 k
Ω
55 k
Ω
25 k
Ω
1k
Ω
VCC 12 V
Protected Pad
VCCB5 5V
100
Ω
1k
Ω
VCC 5V
Protected Pad
VCCAO I2 V
60 W
Float
VDD 5V
Protected Pad
40
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com