Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7416 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7416
Description  CARRADIO SIGNAL PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7416 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7416 Datasheet HTML 4Page - STMicroelectronics TDA7416 Datasheet HTML 5Page - STMicroelectronics TDA7416 Datasheet HTML 6Page - STMicroelectronics TDA7416 Datasheet HTML 7Page - STMicroelectronics TDA7416 Datasheet HTML 8Page - STMicroelectronics TDA7416 Datasheet HTML 9Page - STMicroelectronics TDA7416 Datasheet HTML 10Page - STMicroelectronics TDA7416 Datasheet HTML 11Page - STMicroelectronics TDA7416 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
TDA7416
8/27
1
DESCRIPTION OF THE AUDIOPROCESSOR PART
1.1 Input stages
In the basic configuration one pseudo-differential, three single ended stereo are available.
Figure 1. Input-stages
GENERAL
eNO
Output Noise
BW = 20Hz - 20kHz
output muted
3
15
µV
BW = 20Hz - 20kHz
all gains = 0dB
single ended inputs
15
20
µV
µV
S/N
Signal to Noise Ratio
all gains = 0dB
flat; VO = 2VRMS
103
dB
All EQ-bands at +12dB; Q = 1.0
a-weighted; VO = 2.6VRMS
87
dB
d
distortion
VIN = 1VRMS; all stages 0dB
0.01
0.1
%
VOUT = 1VRMS; Bass & Treble = 12dB
0.05
0.1
%
SC
Channel Separation left/right
80
90
dB
Table 1. ELECTRICAL CHARACTERISTICS (continued)
(VS=9V; Tamb=25°C; RL=10kΩ; all gains=0dB; f=1kHz; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vref
Vref
Vref
Vref
Vref
Vref
Vref
1
1
IN1-
IN1+
IN2
IN3
IN4
InGain
Fader
Stereo
Pseudo
differential
Main Selector
Mute
Rear Selector
Mute
IN1
IN2
IN3
IN4
IN4
IN3
IN2
IN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com