Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7416 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7416
Description  CARRADIO SIGNAL PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7416 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7416 Datasheet HTML 7Page - STMicroelectronics TDA7416 Datasheet HTML 8Page - STMicroelectronics TDA7416 Datasheet HTML 9Page - STMicroelectronics TDA7416 Datasheet HTML 10Page - STMicroelectronics TDA7416 Datasheet HTML 11Page - STMicroelectronics TDA7416 Datasheet HTML 12Page - STMicroelectronics TDA7416 Datasheet HTML 13Page - STMicroelectronics TDA7416 Datasheet HTML 14Page - STMicroelectronics TDA7416 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11/27
TDA7416
1.4 SoftMute
The digitally controlled SoftMute stage allows muting/demuting the signal with a I2C-bus programmable
slope. The mute process can either be activated by the SoftMute pin or by the I2C-bus. This slope is real-
ized in a special S-shaped curve to mute slow in the critical regions (see Figure 5).
For timing purposes the Bit0 of the I2C-bus output register is set to 1 from the start of muting until the end
of de-muting.
Figure 5. Soft Mute-Timing
Note: Please notice that a started Mute-action is always terminated and could not be interrupted by a change of the mute -signal.
1.5 SoftStep Volume and Speaker
When the speaker-level is changed audible clicks could appear at the output. The root cause of those
clicks could either be a DC-Offset before the speaker-stage or the sudden change of the envelope of the
audio signal. With the SoftStep-feature both kinds of clicks could be reduced to a minimum and are no
more audible. The blend-time from one step to the next is programmable in four steps.
Figure 6. SoftStep-Timing for Volume
Note: For steps more than 0.5dB (Volume) or 1dB (Speaker) the SoftStep mode should be deactivated because it could generate a hard 1dB
step during blending.
1dB
0.5dB
-0.5dB
-1dB
SS Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com