Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7416 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7416
Description  CARRADIO SIGNAL PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7416 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7416 Datasheet HTML 16Page - STMicroelectronics TDA7416 Datasheet HTML 17Page - STMicroelectronics TDA7416 Datasheet HTML 18Page - STMicroelectronics TDA7416 Datasheet HTML 19Page - STMicroelectronics TDA7416 Datasheet HTML 20Page - STMicroelectronics TDA7416 Datasheet HTML 21Page - STMicroelectronics TDA7416 Datasheet HTML 22Page - STMicroelectronics TDA7416 Datasheet HTML 23Page - STMicroelectronics TDA7416 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
TDA7416
20/27
2.3.3 Volume (2)
Note: It is not recommended to use a gain more than 20dB for system performance reason. In general, the max.
gain should be limited by software to the maximum value, which is needed for the system.
2.3.4 Equalizer (3,4,5,6,7,8,9)
MSB
LSB
ATTENUATION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
:
0
0
0
:
0
0
0
:
1
1
0
0
:
0
0
0
:
0
1
1
:
1
1
0
0
:
0
0
0
:
1
0
0
:
X
X
0
0
:
1
1
1
:
1
0
0
:
1
1
0
0
:
1
1
1
:
1
0
0
:
1
1
0
0
:
0
0
0
:
1
0
0
:
1
1
0
0
:
0
0
1
:
1
0
0
:
1
1
0
1
:
0
1
0
:
1
0
1
:
0
1
Gain/Attenuation
(+32.0dB)
(+31.5dB)
:
+20.0dB
+19.5dB
+19.0dB
:
+0.5dB
0.0dB
-0.5dB
:
-79.0dB
-79.5dB
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
:
0
0
1
1
:
1
1
0
0
:
1
1
1
1
:
0
0
0
0
:
1
1
1
1
:
0
0
0
0
:
1
1
1
1
:
0
0
0
1
:
0
1
1
0
:
1
0
Equalizer cut/boost level
-15dB
-14dB
:
-1dB
0dB
0dB
+1dB
:
+14dB
+15dB
0
0
1
1
0
1
0
1
Equalizer Q-Factor
2.2
1.8
1.4
1.0
0
1
Equalizer Center Frequency (only Subaddresses 3,8,9)
62Hz(addr 3)/4kHz(addr 8)/15kHz(addr 9)
100Hz(addr 3)/6.24kHz(addr 8)/16kHz(addr 9)
0
1
DC mode EQ Band 1 (62/100 Hz, Subaddress. 4!)
on
off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com