Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7416 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7416
Description  CARRADIO SIGNAL PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7416 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7416 Datasheet HTML 12Page - STMicroelectronics TDA7416 Datasheet HTML 13Page - STMicroelectronics TDA7416 Datasheet HTML 14Page - STMicroelectronics TDA7416 Datasheet HTML 15Page - STMicroelectronics TDA7416 Datasheet HTML 16Page - STMicroelectronics TDA7416 Datasheet HTML 17Page - STMicroelectronics TDA7416 Datasheet HTML 18Page - STMicroelectronics TDA7416 Datasheet HTML 19Page - STMicroelectronics TDA7416 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
TDA7416
16/27
1.9 AC-coupling
In some applications additional signal manipulations are desired. For this purpose an AC-coupling is
placed before the speaker(fader)-attenuators, which can be activated or internally shorted by I2C-Bus. In
short condition the input-signal of the speaker-attenuator is available at the AC-outputs. The input-imped-
ance of this AC-inputs is 50k . In addition there are Mix inputs available. With this inputs it is possible to
mix an external signal to every speaker with a mixing ratio of 50% (see figure 14).
The source of front and rear speaker can be set independently.
As source is choosable :
- internal dc coupling (not recommended)
- external ac coupling using ACin pins
Figure 15. AC/DC-coupling
1.10 Front Speaker-Attenuator and Mixing
A Mixing-stage is placed after front speaker-attenuator and can be set independently to mixing-mode.
Having a full volume for the Mix-signal the stage offers a wide flexibility to adapt the mixing levels.
Figure 16. Output Selector
1.11 Audioprocessor Testing
During the Testmode, which can be activated by setting bit I2 of the subaddress byte and D0 of the audio-
processor testing byte, several internal signals are available at the Mix pin. During this mode the input
resistance of 100kOhm is disconnected from the pin. The internal signals available are shown in the Data-
byte specification.
Vref
Vref
left channel
right channel
SWin
ACinL
ACoutL
SWout
Front Fader
RearFader
Subwoofer Fader
Rear selector
Highpass
Lowpass
fr
flat
fr
flat
1
Front
From M I Xin
OutF
Volume
+15/-79dB
1dB step
Volume
+15/-79dB
1dB step
Highpass2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com