Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7416 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7416
Description  CARRADIO SIGNAL PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7416 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7416 Datasheet HTML 19Page - STMicroelectronics TDA7416 Datasheet HTML 20Page - STMicroelectronics TDA7416 Datasheet HTML 21Page - STMicroelectronics TDA7416 Datasheet HTML 22Page - STMicroelectronics TDA7416 Datasheet HTML 23Page - STMicroelectronics TDA7416 Datasheet HTML 24Page - STMicroelectronics TDA7416 Datasheet HTML 25Page - STMicroelectronics TDA7416 Datasheet HTML 26Page - STMicroelectronics TDA7416 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
TDA7416
24/27
2.3.11Testing Audioprocessor (20)
Note: This byte is used for testing or evaluation purposes only and must not set to other values than “11111110”
in the application!
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
Audioprocessor Testmode
off
on
0
1
0
1
0
1
X
0
1
X
X
X
0
0
0
0
0
0
0
1
1
1
1
1
0
0
0
0
1
1
1
0
0
0
1
1
0
0
1
1
0
0
1
0
0
1
0
1
Test-Multiplexer
Spectrum Analyzer Filter
62Hz
Spectrum Analyzer Filter
157Hz
Spectrum Analyzer Filter
396Hz
Spectrum Analyzer Filter
1kHz
Spectrum Analyzer Filter 2.51kHz
Spectrum Analyzer Filter 6.34kHz
Spectrum Analyzer Filter
16kHz
Switch-Ron measurement setup (Level input)
not used
200kHz Oscillator
NB-Hold
internal Reference
0
1
Clock
external
internal
0
1
AZ Function
off
on
0
1
SC-Clock
Fast Mode
Normal Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com