Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7416 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7416
Description  CARRADIO SIGNAL PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7416 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7416 Datasheet HTML 10Page - STMicroelectronics TDA7416 Datasheet HTML 11Page - STMicroelectronics TDA7416 Datasheet HTML 12Page - STMicroelectronics TDA7416 Datasheet HTML 13Page - STMicroelectronics TDA7416 Datasheet HTML 14Page - STMicroelectronics TDA7416 Datasheet HTML 15Page - STMicroelectronics TDA7416 Datasheet HTML 16Page - STMicroelectronics TDA7416 Datasheet HTML 17Page - STMicroelectronics TDA7416 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
TDA7416
14/27
1.6.5 DC-mode of equalizer band 1 (62/100 Hz)
In this mode, the DC-gain 4dB when set to 15dB boost.
Figure 11. EQ band1, normal- and DC-mode @ boost = 15 dB, fCenter = 62 Hz
Note: The center frequency, Q, DC-mode and boost/cut can be set fully independently for each filter.
1.7 Subwoofer Application
Figure 12. Subwoofer Application with Lowpass @ 80/120/160Hz and HighPass @ 90/135/180Hz
Both filters, the lowpass- as well as the highpass-filter, have butterworth characteristic so that their cut-off
frequen-cies are not equal but shifted by the factor 1.125 to get a flat frequency response.
1
10K
10
1K
100
Hz
-1
16
0
14
2
12
4
10
6
8
dB
dB
Hz
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
100.0
1.0K
10.0K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com