Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7416 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7416
Description  CARRADIO SIGNAL PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7416 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7416 Datasheet HTML 8Page - STMicroelectronics TDA7416 Datasheet HTML 9Page - STMicroelectronics TDA7416 Datasheet HTML 10Page - STMicroelectronics TDA7416 Datasheet HTML 11Page - STMicroelectronics TDA7416 Datasheet HTML 12Page - STMicroelectronics TDA7416 Datasheet HTML 13Page - STMicroelectronics TDA7416 Datasheet HTML 14Page - STMicroelectronics TDA7416 Datasheet HTML 15Page - STMicroelectronics TDA7416 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
TDA7416
12/27
1.6 Equalizer filter
There are three parameters programmable in the equalizer filter:
1.6.1 Attenuation
Figure 7 shows the boost and cut response as a function of frequency at a center frequency of 1kHz.
Figure 7. Equalizer filter control @ fCenter = 1kHz, Q = 1.0
1.6.2 Center Frequency
This parameter is programmable in the filter stage 1(62/100Hz), 6(4/6.34kHz) and 7(15/16kHz) only.
Figure 8 shows the center frequencies 62, 156, 396, 1000, 2510, 6340 and 15000Hz of the 7 equalizer
filters.
Figure 8. Center frequencies @ Gain = 15dB, Q = 1.0
20
10k
100
1k
Hz
-15
15
-10
10
-5
5
0
dB
20k
10
20k
100
1k
Hz
-2
0
16
2
14
4
12
6
10
8
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com