Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7416 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7416
Description  CARRADIO SIGNAL PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7416 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7416 Datasheet HTML 17Page - STMicroelectronics TDA7416 Datasheet HTML 18Page - STMicroelectronics TDA7416 Datasheet HTML 19Page - STMicroelectronics TDA7416 Datasheet HTML 20Page - STMicroelectronics TDA7416 Datasheet HTML 21Page - STMicroelectronics TDA7416 Datasheet HTML 22Page - STMicroelectronics TDA7416 Datasheet HTML 23Page - STMicroelectronics TDA7416 Datasheet HTML 24Page - STMicroelectronics TDA7416 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
21/27
TDA7416
2.3.5 Mixing Programming (10)
2.3.6 SoftMute & HPF2 (11)
Note: It is recommended to set D3(Filter available or not) during initial mute.
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
Mixing
Mute
enable
0
0
1
1
0
1
0
1
Rear Source Selector
BUS’(PD)
AUX
MD
AM/FM
0
1
0
1
Mixing Target
Speaker LF off
Speaker LF on
Speaker RF off
Speaker RF on
0
1
X
X
ZeroCross on HPF2
on
off
0
1
Spectrum Analyzer Detect Point
After EQ
Before EQ
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
SoftMute
On (Mute)
Off
0
0
1
0
1
X
SoftMute Time
Mute time = 0.48ms
Mute time = 0.96ms
Mute time = 123ms
0
1
Secondary High Pass Enable
Filter available
No Filter (Gain)
0
0
0
0
0
0
0
0
1
1
1
0
0
0
0
1
1
1
1
X
X
X
0
0
1
1
0
0
1
1
X
0
1
0
1
0
1
0
1
0
1
0
1
1
Secondary High Pass effect (with ZeroCross)
4 dB
6 dB
8 dB
10 dB
12 dB
14 dB
16 dB
18dB
20dB
22dB
0dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com