Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7416 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7416
Description  CARRADIO SIGNAL PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7416 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7416 Datasheet HTML 1Page - STMicroelectronics TDA7416 Datasheet HTML 2Page - STMicroelectronics TDA7416 Datasheet HTML 3Page - STMicroelectronics TDA7416 Datasheet HTML 4Page - STMicroelectronics TDA7416 Datasheet HTML 5Page - STMicroelectronics TDA7416 Datasheet HTML 6Page - STMicroelectronics TDA7416 Datasheet HTML 7Page - STMicroelectronics TDA7416 Datasheet HTML 8Page - STMicroelectronics TDA7416 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TDA7416
4/27
FEATURES
Input multiplexer
– 1 pseudo differential CDC stereo input, programmable as single-ended input
– 3 single-ended stereo inputs
– Input gain adjust 0 to 15dB with 1dB steps
– direct mute
– internal offset-cancellation (autozero)
Mixing stage
– mixable mix input to Front speaker outputs
– Input controls +15 to -79dB with 1dB steps
– direct mute
Loudness
– programmable center frequency and filter slope
– 19dB with 1dB steps
– selectable flat-mode (constant attenuation)
Volume
– +32 to -79.5dB with 0.5dB step resolution
– soft-step control with programmable blend times
– 100dB range
Equalizer
– seven bands
– 2nd order frequency response
– center frequency programmable for lowest and highest filter
– programmable quality factor in four steps for each filter
– -15 to 15dB range with 1dB resolution
Spectrum analyzer
– seven bandpass filters
– 2nd order frequency response
– programmable quality factor for different visual appearance
– analog output
– controlled by external serial clock
High pass
– 2nd order butterworth highpass with programmable cut-off frequency
– selectable flat-mode
Speaker
– 4 independent soft step speaker controls, +15 to -79dB with 1dB steps
–mute
– 4 independent programmable mix inputs with 50% mixing ratio
Subwoofer
– single-ended monaural output
– independent soft step level control +15 to -79dB with 1dB steps
Mute functions
– direct mute
– digitally controlled SoftMute with 3 programmable mute-times
Effect
– Gain effect or high pass effect fixed external components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com