Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP5380N Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP5380N
Description  Asynchronous SCSI Interface (ASI)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP5380N Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DP5380N Datasheet HTML 2Page - National Semiconductor (TI) DP5380N Datasheet HTML 3Page - National Semiconductor (TI) DP5380N Datasheet HTML 4Page - National Semiconductor (TI) DP5380N Datasheet HTML 5Page - National Semiconductor (TI) DP5380N Datasheet HTML 6Page - National Semiconductor (TI) DP5380N Datasheet HTML 7Page - National Semiconductor (TI) DP5380N Datasheet HTML 8Page - National Semiconductor (TI) DP5380N Datasheet HTML 9Page - National Semiconductor (TI) DP5380N Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
30 Register Description
31 GENERAL
The DP5380 ASI is a register-based device with eight ad-
dressable locations Some addresses have dual functions
depending upon whether they are being read from or written
to Device operation is described in Section 4
Figure 32 summarises the register map Note that for regis-
ters reading or writing SCSI signals the SCSI name is used
for each bit Although the SCSI bus is active low the regis-
ters invert the SCSI bus This means an active SCSI signal
is represented by a ONE in a register and an inactive signal
by a ZERO
32 REGISTERS
OUTPUT DATA REGISTER (ODR)
8 Bits
HA 0
Write-Only
This is a transparent latch used to send data to the SCSI
bus The register can be written by mP cycles or via DMA
DMA writes automatically select the ODR at Hex Address 0
(HA 0) This register is also written with the ID bits required
during arbitration and selectionreselection phases Data is
latched at the end of the write cycle
Bit 7
Bit 0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Output Data Register
CURRENT SCSI DATA (CSD)
8 Bits
HA 0
Read-Only
This register enables reading of the current SCSI data bus
If SCSI parity checking is enabled it will be checked at the
beginning of the read cycle The register is also used for mP
accesses of SCSI data during programmed-IO or ID check-
ing during arbitration Parity is not valid during arbitration
DMA transfers select the IDR (HA 6) instead of the CSD
register
Bit 7
Bit 0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Current SCSI Data
INITIATOR COMMAND REGISTER (ICR)
8 Bits
HA 1
Read-Write
This register is used to control the INITIATOR and some
other SCSI signals and to monitor the progress of bus arbi-
tration Most of the SCSI signals may also be asserted in
TARGET mode Bits 5 to 0 are reset when BSY is lost (see
MR2 description)
Bit 7
Bit 0
RST
TEST LADIFF
ACK
BSY
SEL ATN
DBUS
Initiator Command Register
DBUS Assert Data Bus
Bit 0
0
Disable SCSI data bus driving
1
Enable contents of Output Data Register onto the SCSI
data bus SCSI parity is also generated and driven on
DBP
This bit should be set when transferring data out of the ASI
in either TARGET or INITIATOR mode for both DMA or
programmed-IO In INITIATOR mode the drivers are only
enabled if Mode Register 2 TARGET MODE bit is 0 and
IO is false and CD IO MSG match the contents of the
Target Command Register (phasematch is true) In TAR-
GET mode only the MR2 bit needs to be set with this bit
Reading the ICR reflects the state of this bit
ATN Assert Attention
Bit 1
0
Deassert ATN
1
Assert SCSI ATN signal The MR2 TARGET MODE bit
must also be false to assert the signal
Reading the ICR reflects the state of this bit
SEL Assert Select
Bit 2
0
Deassert SEL
1
Assert SCSI SEL signal Can be used in INITIATOR or
TARGET mode
Reading the ICR reflects the state of this bit
BSY Assert Busy
Bit 3
0
Deassert BSY
1
Assert SCSI BSY signal Can be used in INITIATOR or
TARGET mode
Reading the ICR reflects the state of this bit
Hex
Register
Mnemonic
Bits
RW
Adr
0
Output Data Register
ODR
8
WO
0
Current SCSI Data
CSD
8
RO
1
Initator Command Register
ICR
8
RW
2
Mode Register 2
MR2
8
RW
3
Target Command Register
TCR
4
RW
4
Select Enable Register
SER
8
WO
4
Current SCSI Bus Status
CSB
8
RO
5
Bus and Status
BSR
8
RO
5
Start DMA Send
SDS
0
WO
6
Start DMA Target Receive
SDT
0
WO
6
Input Data Register
IDR
8
RO
7
Start DMA Initiator Receive
SDI
0
WO
7
Reset ParityInterrupts
RPI
0
RO
FIGURE 32 Registers
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com