Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP5380N Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP5380N
Description  Asynchronous SCSI Interface (ASI)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP5380N Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DP5380N Datasheet HTML 4Page - National Semiconductor (TI) DP5380N Datasheet HTML 5Page - National Semiconductor (TI) DP5380N Datasheet HTML 6Page - National Semiconductor (TI) DP5380N Datasheet HTML 7Page - National Semiconductor (TI) DP5380N Datasheet HTML 8Page - National Semiconductor (TI) DP5380N Datasheet HTML 9Page - National Semiconductor (TI) DP5380N Datasheet HTML 10Page - National Semiconductor (TI) DP5380N Datasheet HTML 11Page - National Semiconductor (TI) DP5380N Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
30 Register Description (Continued)
DMA transfers the SCSI phase lines (CD MSG IO) must
match the contents of the TCR for transfers to occur A
phase mismatch halts DMA transfers and generates an in-
terrupt
Bit 7
Bit 0
xxxx
REQ
MSG
CD
IO
Target Command Register
This is a readwrite register and the value read reflects the
state of each bit except bit 4 – 7 which always read 0
IO Assert IO
Bit 0
0
Deassert IO
1
Assert SCSI IO signal The MR2 TARGET MODE bit
must also be active
CD Assert CD
Bit 1
0
Deassert CD
1
Assert SCSI CD signal The MR2 TARGET MODE bit
must also be active
MSG Assert MSG
Bit 2
0
Deassert MSG
1
Assert SCSI MSG signal The MR2 TARGET MODE bit
must also be active
REQ Assert REQ
Bit 3
0
Deassert REQ
1
Assert SCSI REQ signal The MR2 TARGET MODE bit
must also be active This bit is used to handshake SCSI
data via programmed-IO
SELECT ENABLE REGISTER (SER)
8 Bits
HA 4
Write-Only
This write-only register is used to program the SCSI device
ID for the ASI to respond to during Selection or Reselection
Phases Only one bit in the register should be set When
SEL is true BSY false and the SER ID bit active an interrupt
will occur
This interrupt is reset or can be disabled by writing zero to
this register Parity will also be checked during Selection or
Reselection if the PCHK bit in MR2 is set
Bit 7
Bit 0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Select Enable Register
CURRENT SCSI BUS STATUS (CSB)
8 Bits
HA 4
Read-Only
This read-only register is used to monitor SCSI control sig-
nals and the SCSI parity bit The SCSI lines are monitored
during programmed-IO transfers and after an interrupt in
order to determine the cause A bit is 1 if the corresponding
SCSI signal is active
Bit 7
Bit 0
RST
BSY
REQ
MSG
CD
IO
SEL
DBP
Current SCSI Bus Status
BUS AND STATUS REGISTER (BSR)
8 Bits
HA 5
Read-Only
This read-only register is used to monitor SCSI signals not
included in the CSB and internal status bits This register is
read after an interrupt to determine the cause of an inter-
rupt Bit 0 or 1 are set to 1 if the SCSI signal is active
Bit 7
Bit 0
EDMA DRQ SPER
INT
PHSM BSY
ATN
ACK
Bus
Status Register
ACK Acknowledge
Bit 0
This bit reflects the state of the SCSI ACK Signal
ATN Attention
Bit 1
This bit reflects the state of the SCSI ATN Signal
BSY Busy Error
Bit 2
0
No Error
1
This SCSI BSY signal has become inactive while the
MR2 BSY (Monitor BSY) bit is set This will cause an
interrupt remove all ASI signals from the SCSI bus and
reset the DMA MODE bit in MR2
PHSM Phase Match
Bit 3
0
Phase Match The SCSI CD IO and MSG phase lines
are continuously compared with the corresponding bits
in the TCR The result of this comparison is reflected in
this bit This bit must be 1 (phase matches) for DMA
transfers A phase mismatch will stop DMA transfers
and cause an interrupt
INT Interrupt Request
Bit 4
0
No Interrupt
1
Interrupt request active Set when an enabled interrupt
condition occurs This bit reflects the state of the INT
pin INT may be reset by performing a Reset ParityIn-
terrupt (RPI) function
SPER SCSI Parity Error
Bit 5
0
No SCSI parity error
1
SCSI parity error occurred This bit remains set once an
error occurs until the RPI function clears it The PCHK
bit in MR2 must be set for a parity error to be checked
and registered
DRQ DMA Request
Bit 6
0
No DMA request
1
DMA request active This bit reflects the state of the
DRQ pin DRQ is reset by asserting DACK during a
DMA cycle or by resetting the DMA bit in MR2 A Busy
error will reset the MR2 DMA bit and thus will also clear
DRQ A phase mismatch will not reset DRQ
EDMA End of DMA
Bit 7
0
Not end of DMA
1
Set when DACK EOP and either RD or WR are active
simultaneously Normally occurs when the last byte is
transferred by the DMA During DMA send operations
the last byte transferred by the DMA may not have
been transferred on SCSI so REQ and ACK should be
monitored to verify when the last SCSI transfer is com-
plete This bit is reset when the MR2 DMA bit is reset
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com