Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP5380N Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP5380N
Description  Asynchronous SCSI Interface (ASI)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP5380N Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DP5380N Datasheet HTML 5Page - National Semiconductor (TI) DP5380N Datasheet HTML 6Page - National Semiconductor (TI) DP5380N Datasheet HTML 7Page - National Semiconductor (TI) DP5380N Datasheet HTML 8Page - National Semiconductor (TI) DP5380N Datasheet HTML 9Page - National Semiconductor (TI) DP5380N Datasheet HTML 10Page - National Semiconductor (TI) DP5380N Datasheet HTML 11Page - National Semiconductor (TI) DP5380N Datasheet HTML 12Page - National Semiconductor (TI) DP5380N Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
30 Register Description (Continued)
START DMA SEND (SDS)
0 Bits
HA 5
Write-Only
This write-only register is used to start a DMA send opera-
tion A write of don’t-care data should be the last thing done
by the mP The MR2 DMA BLK and TARG bits must have
been programmed previously
Bit 7
Bit 0
xxxxxxxx
Start DMA Send
START DMA TARGET RECEIVE (SDT)
0 Bits
HA 6
Write-Only
This write-only register is used to start a DMA Target Re-
ceive operation Same comments as SDS apply
INPUT DATA REGISTER (IDR)
8 Bits
HA 6
Read-Only
This read-only register contains the SCSI data last latched
during a DMA receive Each byte from SCSI is latched into
this register automatically by the ASI DMA logic A DMA
read (DACK and RD) automatically selects this register Pro-
grammed-IO SCSI data reads should use the CSD (HA8)
START DMA INITIATOR RECEIVE (SDI)
0 Bits
HA 7
Write-Only
This write-only register is used to start a DMA INITIATOR
Receive Operation Same comments as SDS apply
RESET PARITYINTERRUPT (RPI)
0 Bits
HA 7
Read-Only
This read-only register is used to reset the parity and inter-
rupt latches Reading this register resets the SCSI parity
Busy Loss and Interrupt Request latches
40 Device Operation
41 GENERAL
This section describes overall operation of the ASI More
detailed information of data transfers interrupts and reset
conditions are covered in later sections The operation de-
scription covers mP accesses SCSI bus monitoring arbitra-
tion selection reselection programmed-IO DMA inter-
rupts Programming and timing details are covered
For information regarding interfacing to mP’s and DMA con-
trollers refer to Section 70
In the descriptions following program examples are given in
pseudo-C This processor-independent approach should be
clearest These are backed up by flow charts in Appendix
A1
42 mP ACCESSES
The mP accesses the EASI via the CS RD WR and address
and data lines in order to readwrite the registers
Figure 42
shows typical timing Note the use of non-multiplexed ad-
dress and data lines
43 SCSI BUS MONITORINGDRIVING
The SCSI bus may be monitored or driven at any time Each
bus signal is buffered and inverted by the ASI and can be
read via the CSB BSR and CSD registers An active SCSI
readsa1inthe status registers
TLF9756 – 6
FIGURE 42 mP Cycles
Each SCSI signal may be asserted by setting a bit in the
TCR or ICR Setting the bit to 1 asserts the SCSI signal
The following code demonstrates a byte transferred via pro-
grammed-IO in INITIATOR mode
*Transfer one byte as Initiator*
while (NOT (TCRREQ))
* wait till TARGET asserts REQ *
data
4 input (CSD)
* parity is checked if enabled*
output (ICR
Assert ACK)
while (TCRREQ)
* wait till TARGET deasserts REQ *
output (ICR
0)
* deassert ACK
ready for next byte *
44 ARBITRATION
This sub-section describes the arbitration support provided
by the ASI and how to program it
Since the SCSI arbitration process requires signal sequenc-
ing too fast for mP’s hardware support is provided by the
ASI The arbitration process is enabled by bit 0 MR2 (ARB)
Prior to setting this bit the ODR should be programmed with
the device’s SCSI IDa single bit
The ASI will monitor the bus for a BUS FREE phase The
BSY signal is continuously monitored If continuously inac-
tive for at least a SCSI Bus Settle Delay (400 ns) and SEL is
inactive a valid Bus Free Phase exists After a period of
SCSI Bus Free Delay (800 ns) the ASI asserts BSY and the
ODR onto the SCSI data bus The mP should poll the ICR to
determine when arbitration has started The AIP bit in the
ICR is set when the Bus Free Phase is detected and the
EASI is beginning the Bus Free Delay Following the Bus
Free Delay a 22 ms SCSI Arbitration Delay is required be-
fore examining the data bus to resolve the priorities of the
ID bits This delay must be implemented in firmware The
ICR Lost Arbitration (LA) bit must be examined to determine
whether arbitration is lost The LA bit is set if another
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com