Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP5380N Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP5380N
Description  Asynchronous SCSI Interface (ASI)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP5380N Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button DP5380N Datasheet HTML 16Page - National Semiconductor (TI) DP5380N Datasheet HTML 17Page - National Semiconductor (TI) DP5380N Datasheet HTML 18Page - National Semiconductor (TI) DP5380N Datasheet HTML 19Page - National Semiconductor (TI) DP5380N Datasheet HTML 20Page - National Semiconductor (TI) DP5380N Datasheet HTML 21Page - National Semiconductor (TI) DP5380N Datasheet HTML 22Page - National Semiconductor (TI) DP5380N Datasheet HTML 23Page - National Semiconductor (TI) DP5380N Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
100 AC Electrical Characteristics (Continued)
105 DMA WRITE (NON-BLOCK MODE) TARGET SEND
TLF9756 – 16
Symbol
Parameter
DP5380
Units
Min
Typ
Max
afrt
ACK False to REQ True (DACK or WR False)
120
ns
atdt
ACK True to DRQ True (Target)
90
ns
atrf
ACK True to REQ False (Target)
115
ns
dfdt
DACK False to DRQ True
30
90
ns
dfrt
DACK False to REQ True (ACK False)
110
ns
dhwr
DMA Data Hold Time from End of WR
30
ns
dkhw
DACK Hold from End of WR
0
ns
dsrt
SCSI Data Setup to REQ True (Target Send) (Note 1)
40
ns
dswd
Data Setup to End of DMA Write Enable
50
ns
dtdf
DACK True to DRQ False
100
ns
eop
Width of EOP Pulse (Note 2)
40
ns
wwn
DMA Non-Block Mode Write Enable Width (Note 3)
60
ns
Note 1
EOP DACK RDWR must all be true for recognition of EOP
Note 2
Write enable (DMA) is DACK and WR active
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com