Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP5380N Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP5380N
Description  Asynchronous SCSI Interface (ASI)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP5380N Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button DP5380N Datasheet HTML 8Page - National Semiconductor (TI) DP5380N Datasheet HTML 9Page - National Semiconductor (TI) DP5380N Datasheet HTML 10Page - National Semiconductor (TI) DP5380N Datasheet HTML 11Page - National Semiconductor (TI) DP5380N Datasheet HTML 12Page - National Semiconductor (TI) DP5380N Datasheet HTML 13Page - National Semiconductor (TI) DP5380N Datasheet HTML 14Page - National Semiconductor (TI) DP5380N Datasheet HTML 15Page - National Semiconductor (TI) DP5380N Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
40 Device Operation (Continued)
Target Send
*DATA IN PHASE*
Program DMA Controller
TCR
4 01h
*phase*
ICR
4 09h
MR2
4 4Ah
SDS
4 0
*Start DMA Send*
while (NOT interrupt)
idle
if(NOT(BSREnd of DMA)
error
else
*DMA end*
repeat
while (CSBREQ OR BSRACK)
loop count
4 3
loop count
*decrement*
until (loop count
44 0)
MR2
4 40h
Change phase as required
Some explanation of the final part of Target Send is re-
quired In this type of DMA operation it is very difficult to
exactly determine the True End of DMA simply detecting
REQ and ACK simultaneously inactive is not enough
Reference to
Figure 482 will help to understand the follow-
ing text
TLF9756 – 8
FIGURE 482 Target Send DMA
As shown in
Figure 482 ACK going active causes the DRQ
for the next byte and also REQ to go inactive ACK going
inactive allows REQ to go active for the next byte If the
INITIATOR is slow removing ACK the mP may sample the
SCSI bus after the EOP interrupt at point A Here both REQ
and ACK will be inactive but there is one more byte to
transfer on SCSI Due to chip timing delays this condition
will not last more than 200 ns A safe way to determine the
True End of DMA is to sample REQ and ACK and ONLY
when both are inactive in three successive samples will the
m
P be at point B in the figure
49 BLOCK MODE DMA TRANSFERS
In Block Mode the DMA interface uses the DRQ DACK
EOP and READY lines DRQ is asserted once at the begin-
ning of transfers and deasserted once DACK is received
DACK should be asserted continuously for the duration of
all the transfer EOP should be asserted during the last
DMA byte signal when the next DMA byte transfers The
ASI asserts the READY signal when the next DMA byte
should be transferred
As for non-block mode the End of DMA interrupt is just
EOP also in block mode receive the ASI does not return
READY to an active signal after EOP This means external
logic must gate off READY if the mP is not to be locked up
For more details see Section 70
The block mode is intended for systems where the over-
head of handing the system busses to and from the mP and
DMA controller is too great The block mode handshake is
not necessarily faster than non-block (it may be) but the
overall transfer rate is improved once the bus exchange
overhead is removed Of course the mP is prevented from
executing for the whole DMA operation
If a phase mismatch occurs the READY signal is left in the
inactive state The DMA controller must hand back the bus
to the mP and the inactive READY signal may need to be
gated off
When performing DMA as an INITIATOR the EOP signal
does not deassert ACK on the SCSI bus Firmware must
determine when REQ is inactive after the last SCSI transfer
then reset the MR2 DMA bit to deassert ACK
Programming the ASI in block mode is the same as non-
block mode except bit 7 in MR2 should also be set
410 PSEUDO DMA
The system design can utilize ASI DMA logic for non-data
transfers This removes the need to poll REQ ACK and pro-
gram the assertiondeassertion of the handshake signal
The mP can emulate a DMA controller by asserting DACK
and EOP signals DRQ may be sampled by reading the
BSR In most cases the chip decode logic can be adapted
to this use for little or no cost See Section 70 for further
details
411 HALTING A DMA OPERATION
There are three ways to halt a DMA operation apart from a
chip or SCSI reset These methods are EOP phase mis-
match and resetting the DMA MODE bit in MR2
4111 End Of Process
EOP is asserted for a minimum period during the last DMA
cycle The EOP signal generates the End of DMA interrupt
EOP does not cause the MR2 DMA mode bit to be reset
4112 DMA Phase Mismatch
If a REQ goes active while there is a phase mismatch the
DMA will be halted and an interrupt generated The ASI will
stop driving the SCSI bus when the mismatch occurs A
phase mismatch is when the TCR phase bits do not match
the SCSI bus values
4113 DMA Mode Bit
If EOP is not used the best method is to reset the MR2 DMA
Mode bit This bit may be reset at any time and should be
reset after an End of DMA interrupt or a phase mismatch
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com