Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP5380N Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP5380N
Description  Asynchronous SCSI Interface (ASI)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP5380N Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DP5380N Datasheet HTML 3Page - National Semiconductor (TI) DP5380N Datasheet HTML 4Page - National Semiconductor (TI) DP5380N Datasheet HTML 5Page - National Semiconductor (TI) DP5380N Datasheet HTML 6Page - National Semiconductor (TI) DP5380N Datasheet HTML 7Page - National Semiconductor (TI) DP5380N Datasheet HTML 8Page - National Semiconductor (TI) DP5380N Datasheet HTML 9Page - National Semiconductor (TI) DP5380N Datasheet HTML 10Page - National Semiconductor (TI) DP5380N Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
30 Register Description (Continued)
ACK Assert Acknowledge
Bit 4
0
Deassert ACK
1
Assert SCSI ACK signal The MR2 TARGET MODE bit
must also be false to assert the signal
Reading the ICR reflects the state of this bit
DIFF Differential Enable
Bit 5
Write
0
This bit must be reset to 0
1
Do not use Reserved for future use on a differential
pair device
LA Lost Arbitration
Bit 5
Read
0
Normally reset to 0 to show arbitration not lost or not
enabled
1
Will be set when the ASI loses arbitation ie when SEL
is true during arbitration AND the Assert SEL bit of this
register is false
A 1 in this bit means the ASI has arbitrated for the bus
asserted BSY and its ID on the data bus and another device
has asserted SEL The ARBITRATE bit in MR2 must be set
to enable arbitration
TEST Test Mode Enable
Bit 6
Write
0
Output drivers are enabled
1
Output drivers disabled
AIP Arbitration In Progress
Bit 6
Read
0
Normally 0 to show no arbitration in progress
1
Set when the ASI has detected BUS FREE phase and
asserted BSY and the Output Data Register contents
onto the SCSI data bus This bit remains set until arbi-
tration is disabled
RST Assert RST
Bit 7
0
Deassert RST
1
Assert SCSI RST signal RST is asserted as long as this
bit is 1 or until a mP Reset (RESET)
After this bit is set the INT pin goes active and internal regis-
ters reset (except for the interrupt latch MR2 TARGET
MODE bit and this bit Reading the ICR reflects the state of
this bit
MODE REGISTER 2 (MR2)
8 Bits
HA2
Read-Write
This register is used to program basic operating conditions
in the ASI Operation as TARGET or INITIATOR DMA
mode and type as well as some interrupt controls are set via
this register This is a ReadWrite register and when read
the value reflects the state of each bit
Bit 7
Bit 0
BLK
TARG PCHK PINT
EOP
BSY
DMA
ARB
Mode Register 2
ARB Arbitrate
Bit 0
0
Disable arbitration
1
Enable arbitration The ASI will wait for a BUS FREE
phase then arbitrate for the bus Before setting this bit
the Output Data Register should contain the SCSI de-
vice IDa single bit set only The status of the arbitra-
tion process is given in the AIP and LA bits (6 5) in the
Initiator Command Register
DMA DMA Mode
Bit 1
0
Disable DMA mode
1
Enable DMA operation This bit should be set then one
of address 5 to 7 written to start DMA The TARGET
MODE bit in the ICR and the phase lines in the TCR
should have been set appropriately The DBUS bit in
the ICR must be set for DMA operations BSY must be
active in order to set this bit The phase lines must
match the contents of the TCR during the actual trans-
fers In DMA mode ASI logic automatically controls the
REQ ACK handshakes
This bit should be reset by a mP write to stop any DMA
transfer An EOP signal will not reset this bit During
DMA CS and DACK should not be active simultaneous-
ly
This bit will be reset if BSY is lost during DMA mode
BSY Monitor Busy
Bit 2
0
Disable BSY monitor
1
Monitor SCSI BSY signal and interrupt when BSY goes
inactive When this bit goes active the lower 6 bits of
the ICR are reset and all signals removed from the
SCSI bus This is used to check for valid TARGET con-
nection
EOP Enable EOP Interrupt
Bit 3
0
No interrupt for EOP
1
Interrupt after valid EOP condition
PINT Enable SCSI Parity Interrupt
Bit 4
0
No interrupt on SCSI parity error
1
When SCSI parity is enabled via the PCHK bit setting
this bit enables an interrupt upon a SCSI parity error
PCHK Enable SCSI Parity Checking
Bit 5
0
No SCSI parity checking
1
Enable checking of SCSI parity during read operations
This applies to either programmed IO or DMA mode
TARG Target Mode
Bit 6
0
Initiator Mode
1
Target Mode
BLK Block Mode DMA
Bit 7
0
Non-block DMA
1
When set along with DMA bit (1) enable block mode
DMA transfers In block mode the READY line is used
to handshake each byte with the DMA controller in-
stead of the DRQDACK handshake used in non-block
mode
TARGET COMMAND REGISTER (TCR)
4 Bits
HA 3
Read-Write
This register is used to control TARGET SCSI signals and to
program the desired phase during INITIATOR mode During
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com