Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP5380N Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP5380N
Description  Asynchronous SCSI Interface (ASI)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP5380N Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button DP5380N Datasheet HTML 6Page - National Semiconductor (TI) DP5380N Datasheet HTML 7Page - National Semiconductor (TI) DP5380N Datasheet HTML 8Page - National Semiconductor (TI) DP5380N Datasheet HTML 9Page - National Semiconductor (TI) DP5380N Datasheet HTML 10Page - National Semiconductor (TI) DP5380N Datasheet HTML 11Page - National Semiconductor (TI) DP5380N Datasheet HTML 12Page - National Semiconductor (TI) DP5380N Datasheet HTML 13Page - National Semiconductor (TI) DP5380N Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
40 Device Operation (Continued)
device asserts SEL during arbitration If the LA bit is 0 the
data bus is read via the CSD register The data is examined
to resolve ID priorities If this device is the highest ID assert
SEL by setting ICR bit 2 to a 1 After waiting Bus Clear a
Bus Settle Delays (1200 ns) the Selection Phase begins
These 2 delays must be implemented in firmware
45 SELECTIONRESELECTION
The ASI can be used to select or reselect a device The ASI
will also respond to selection or reselection
451 SelectingReselecting
Selection requires programming the ODR with the desired
and own device ID’s the data bus via ICR DBUS (bit 0)
asserting ATN if required via ICR bit 1 asserting SEL via
ICR bit 2 then resetting the MR2 ARB bit
The SER should have been cleared to zero before Selec-
tionReselection to ensure the ASI does not respond If Re-
selection is desired the IO line should also be asserted
before SEL via TCR bit 0
Resetting the ARB bit causes the ASI to remove BSY and
the ODR from the data bus Thus the ICR Assert data bus
bit is required to assert the bits for desired and own device
ID’s
BSY is then monitored to determine when the device has
responded to (re)selection If the device fails to respond an
error handler should sequence the ASI off the bus If the
device responds the ICR DBUS and SEL bits should be re-
set to remove these signals If this is a Reselection the ICR
BSY bit (3) should be set before removing the other signals
The bus is now ready to handle Information Transfer Phas-
es
452 (Re)Selection Response
The ASI responds to Selection or Reselection when the
SER is non-zero A (re)selected interrupt is generated when
BSY is false for at least a Bus Settle Delay (400 ns) and
SEL is true AND any non-zero bit in the SER has its corre-
sponding SCSI data bus bit active A Selection is disabled
by zeroing the SER If parity is supported it should be valid
during (re)selection so must be checked via the SPE bit (5)
in the BSR SCSI specification states that (re)selection is
not valid if more than 2 data bits are active This condition is
checked by reading the CSD
When the selection interrupt occurs it is determined by read-
ing the BSR and CSB registers There is no dedicated
status bit for (re)selection so it must be determined by the
absence of other interrupts and the active state of the SEL
signal Reselection occurs when IO is also active See
Section 60
46 MONITORING BSY
While an INITIATOR is connected to a TARGET the TAR-
GET must maintain an active BSY signal During DMA oper-
ations the BSY signal is monitored by the ASI and will halt
operations if it goes inactive To enable BSY to be moni-
tored at other times the MR2 BSY bit (2) should be set An
interrupt will be generated if BSY goes inactive while MR2
BSY is set
This interrupt sets bit 2 in the BSR
47 COMMANDMESSAGESTATUS TRANSFERS
Command message and status bytes are transferred using
programmed-IO The SCSI REQ ACK handshake is ac-
complished by monitoring and setting lines individually Data
is output via the ODR and read in via the CSD register
The following code shows INITIATOR and TARGET pro-
gramming for two of these cases See Appendix A1 for
flowcharts
Initiator Command Send
MR2
4 monitor BSY
TCR
4 Command Phase
*02h*
while (bytes) to do)
while (REQ) inactive)
idle
*CSB bit 5
4 0*
if (BSR
phase match
44 0)
phase error
else
ODR
4 date byte
ICR
4 Assert ACK
while (REQ active)
idle
*CSB bit 5
44 1*
ICR
4 deassert ACK
* byte transfer complete *
byte count
goto data phase
Target Message Receive
* assumed Assert BSY already set in ICR *
MR2
4 TARG MODE OR PARITY CHECK OR
PARITY INTERRUPT
TCR
4 Message Out phase
*06h*
delay (Bus Settle)
TCR
4 Assert REQ
while (ACK inactive)
idle
* BSR bit 0 *
data e CSD
* parity is latched *
if (BSR
parity error)
error routine
else
TCR
4 deassert REQ
while (ACK active)
idle
* message done
can change to next
phase *
48 NON-BLOCK DMA TRANSFERS
Data transfers may be effected by DMA This method
should be used for optimum performance Two methods of
DMA are available-block and non-block mode This section
describes non-block mode transfers
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com