Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP5380N Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP5380N
Description  Asynchronous SCSI Interface (ASI)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP5380N Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button DP5380N Datasheet HTML 10Page - National Semiconductor (TI) DP5380N Datasheet HTML 11Page - National Semiconductor (TI) DP5380N Datasheet HTML 12Page - National Semiconductor (TI) DP5380N Datasheet HTML 13Page - National Semiconductor (TI) DP5380N Datasheet HTML 14Page - National Semiconductor (TI) DP5380N Datasheet HTML 15Page - National Semiconductor (TI) DP5380N Datasheet HTML 16Page - National Semiconductor (TI) DP5380N Datasheet HTML 17Page - National Semiconductor (TI) DP5380N Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
50 Interrupts (Continued)
If SCSI parity checking is enabled it will be checked and
should be valid Following an interrupt the BSR and CSD
should contain the values shown below
Bit 7
Bit 0
0001
x
0
x
0
EDMA DRQ SPER
INT
PHSM BSY
ATN
ACK
BSR
Bit 7
Bit 0
0000001
x
RST
BSY
REQ
MSG
CD
IO
SEL
DBP
CSD
60 Reset Conditions
61 GENERAL
There are three ways to reset the ASI mP chip RESET
SCSI bus reset applied externally SCSI bus reset issued by
the ASI
62 CHIP RESET
When the RESET signal is asserted for the required dura-
tion the ASI clears ALL internal registers and therefore re-
sets all logic This action does not create an interrupt or
generate a SCSI reset
63 EXTERNAL SCSI RESET
When a SCSI RST is applied externally the ASI resets all
registers and logic and issues an interrupt The only register
bits not affected are the Assert RST bit (bit 7) in the ICR and
the TARGET Mode bit (bit 6) in MR2
64 SCSI RESET ISSUED
When the mP sets the Assert RST bit in the ICR the RST
signal goes active Since the ASI monitors RST also the
same reset actions as in 63 apply The SCSI RST signal will
remain active as long as bit 7 in the ICR is setie until
programmed 0 or a chip RESET occurs
70 Application Guide
This section is intended to show the interface between the
m
P ASI and DMA controller (DMAC)
Figure 71 shows a
general interface when the ASI and DMAC are IO-mapped
devices This configuration will implementa2to 25M
Bytessec SCSI port using 2 cycle compressed timing from
the 5 MHz DMAC
Using a faster DMAC and memory may allow the ASI to
operate at a higher ratebut of course any system will be
limited by the available DMA rate from the SCSI device cur-
rently connected to The interface shown has several fea-
tures that are examined more closely in the following text
TLF9756 – 9
FIGURE 71 mPASIDMA Interface
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com