Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP5380N Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP5380N
Description  Asynchronous SCSI Interface (ASI)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP5380N Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button DP5380N Datasheet HTML 11Page - National Semiconductor (TI) DP5380N Datasheet HTML 12Page - National Semiconductor (TI) DP5380N Datasheet HTML 13Page - National Semiconductor (TI) DP5380N Datasheet HTML 14Page - National Semiconductor (TI) DP5380N Datasheet HTML 15Page - National Semiconductor (TI) DP5380N Datasheet HTML 16Page - National Semiconductor (TI) DP5380N Datasheet HTML 17Page - National Semiconductor (TI) DP5380N Datasheet HTML 18Page - National Semiconductor (TI) DP5380N Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
70 Application Guide (Continued)
All the interface signal requirements are satisfied by a PAL
device The memory interface is not shown only the rele-
vant DMAC and mP lines are included
The ASI data and address lines connect directly to the mP
DMAC busses The DRQ output from the ASI goes direct to
the DMAC The EOP output from the DMAC goes to the ASI
input but can also be asserted via the PAL since the DMAC
output is open-drain
The PAL is programmed so that the mP can access the ASI
in three ways The three access types are Register RW
DMA RW DMA with EOP Examination of the PAL equa-
tions below shows how the mP may perform any of the three
basic access types simply by accessing the ASI at different
IO address slots This enables the mP to simulate a DMAC
(pseudo-DMA) DMA mode may then be used for all infor-
mation transfer phases
In DMA mode the ASI generates all SCSI handshakes At all
other times the mP is responsible for REQ ACK hand-
shakes Using pseudo-DMA may reduce mP overhead
When doing DMA transfers via BLOCK MODE and an error
occurs the ASI may not deassert the READY signal For
some DMA controllers this may lock the bus so the PAL
asserts READY and EOP to the DMA if an interrupt occurs
while READY is false This completes the current DMA cy-
cle and prevents further DMA for the rest of the block thus
allowing the bus to be handed back to the mP for servicing
The PAL generates RD and WR strobes while the mPisbus
master but the DMAC provides the strobes while it is bus
master so the PAL outputs are TRI-STATE
The PAL details are shown in
Figure 72 with the signal
definitions and equations following
TLF9756 – 10
FIGURE 72 Interface PAL
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com