Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8760IPWPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8760IPWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC8760IPWPR Datasheet HTML 17Page - Texas Instruments DAC8760IPWPR Datasheet HTML 18Page - Texas Instruments DAC8760IPWPR Datasheet HTML 19Page - Texas Instruments DAC8760IPWPR Datasheet HTML 20Page - Texas Instruments DAC8760IPWPR Datasheet HTML 21Page - Texas Instruments DAC8760IPWPR Datasheet HTML 22Page - Texas Instruments DAC8760IPWPR Datasheet HTML 23Page - Texas Instruments DAC8760IPWPR Datasheet HTML 24Page - Texas Instruments DAC8760IPWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
-0.008
-0.006
-0.004
-0.002
0.000
0.002
0.004
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (oC)
C002
Max INL
Min INL
AVDD = 10 V
AVSS = 0 V
R
LOAD = 300 Ÿ
All IOUT ranges
-0.016
-0.012
-0.008
-0.004
0.000
0.004
0.008
0.012
0.016
0
8192
16384
24576
32768
40960
49152
57344
65536
Code
4 mA - 20 mA Internal RSET
4 mA - 20 mA Internal RSET, BOOST
4 mA - 20 mA External RSET
4 mA - 20 mA External RSET, BOOST
C001
AVDD = 24 V
AVSS = 0 V
R
LOAD = 300 Ÿ
-0.016
-0.012
-0.008
-0.004
0.000
0.004
0.008
0.012
0.016
0
8192
16384
24576
32768
40960
49152
57344
65536
Code
0 mA - 20 mA Internal RSET
0 mA - 20 mA Internal RSET, BOOST
0 mA - 20 mA External RSET
0 mA - 20 mA External RSET, BOOST
C004
AVDD = 24 V
AVSS = 0 V
R
LOAD = 300 Ÿ
-0.016
-0.012
-0.008
-0.004
0.000
0.004
0.008
0.012
0.016
0
8192
16384
24576
32768
40960
49152
57344
65536
Code
0 mA - 24 mA Internal RSET
0 mA - 24 mA Internal RSET, BOOST
0 mA - 24 mA External RSET
0 mA - 24 mA External RSET, BOOST
C007
AVDD = 24 V
AVSS = 0 V
R
LOAD = 300 Ÿ
-0.01
0.00
0.01
0.02
0.03
0.04
0.05
10
14
18
22
26
30
34
38
AVDD (V)
C006
Min Total Unadjusted Error
Max Total Unadjusted Error
AVSS = 0 V
R
LOAD = 300 Ÿ
0 mA to 24 mA range
0
0.01
0.02
0.03
0.04
0.05
10
14
18
22
26
30
34
38
AVDD (V)
C005
Max Total Unadjusted Error
Min Total Unadjusted Error
AVSS = 0 V
R
LOAD = 300 Ÿ
0 mA to 24 mA range
21
DAC7760, DAC8760
www.ti.com
SBAS528B – JUNE 2013 – REVISED JUNE 2016
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, unless otherwise noted.
Figure 52. IOUT TUE vs Supply (Internal RSET)
Figure 53. IOUT TUE vs Supply (External RSET)
Figure 54. IOUT INL vs Code (0 mA to 24 mA)
Figure 55. IOUT INL vs Code (0 mA to 20 mA)
Figure 56. IOUT INL vs Code (4 mA to 20 mA)
Figure 57. IOUT INL vs Temperature (Internal RSET)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com