Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8760IPWPR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8760IPWPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button DAC8760IPWPR Datasheet HTML 23Page - Texas Instruments DAC8760IPWPR Datasheet HTML 24Page - Texas Instruments DAC8760IPWPR Datasheet HTML 25Page - Texas Instruments DAC8760IPWPR Datasheet HTML 26Page - Texas Instruments DAC8760IPWPR Datasheet HTML 27Page - Texas Instruments DAC8760IPWPR Datasheet HTML 28Page - Texas Instruments DAC8760IPWPR Datasheet HTML 29Page - Texas Instruments DAC8760IPWPR Datasheet HTML 30Page - Texas Instruments DAC8760IPWPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 63 page
background image
+
12-/16-Bit
DAC
DACx760
í
Range
Scaling
RFB
íVSENSE
+VSENSE
VOUT
To Current Output
To Voltage Output
27
DAC7760, DAC8760
www.ti.com
SBAS528B – JUNE 2013 – REVISED JUNE 2016
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 82. DAC Structure: Resistor String
The current-output stage converts the voltage output from the string to current. The voltage output provides a
buffered output of the programmed range to the external load. When the current output or the voltage output is
disabled, it is in a high impedance (Hi-Z) state. After power-on, both output stages are disabled. See Controlling
the VOUT and IOUT Pins for different options to configure the current and voltage output pins.
8.3.2 Voltage Output Stage
The voltage output stage as conceptualized in Figure 83 provides the voltage output according to the DAC code
and the output range setting. The output range can be programmed as 0 V to 5 V or 0 V to 10 V for unipolar
output mode, and ±5 V or ±10 V for bipolar output mode. In addition, an option is available to increase the output
voltage range by 10%. The output current drive can be up to 10 mA. The output stage has short-circuit current
protection that limits the output current to 30 mA. To maintain proper performance, a minimum 0.5-V power-
supply headroom is required. The voltage output is able to drive a capacitive load up to 1 µF. For loads greater
than 20 nF, an external compensation capacitor can be connected between CMP and VOUT to keep the output
voltage stable at the expense of reduced bandwidth and increased settling time.
Figure 83. Voltage Output
The +VSENSE pin is provided to enable sensing of the load by connecting to points electrically closer to the
load. This configuration allows the internal output amplifier to make sure that the correct voltage is applied across
the load, as long as headroom is available on the power supply. Ideally, this pin is used to correct for resistive
drops on the system board and is connected to VOUT at the terminals. In some cases, both VOUT and
+VSENSE are brought out as terminals and, through separate lines, connected remotely together at the load. In
such cases, if the +VSENSE line is cut, the amplifier loop is broken; use an optional 5-kΩ resistor between



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com