Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8760IPWPR Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8760IPWPR Datasheet(HTML) 45 Page - Texas Instruments

Back Button DAC8760IPWPR Datasheet HTML 41Page - Texas Instruments DAC8760IPWPR Datasheet HTML 42Page - Texas Instruments DAC8760IPWPR Datasheet HTML 43Page - Texas Instruments DAC8760IPWPR Datasheet HTML 44Page - Texas Instruments DAC8760IPWPR Datasheet HTML 45Page - Texas Instruments DAC8760IPWPR Datasheet HTML 46Page - Texas Instruments DAC8760IPWPR Datasheet HTML 47Page - Texas Instruments DAC8760IPWPR Datasheet HTML 48Page - Texas Instruments DAC8760IPWPR Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
T2
T1
DAC
CAP1
CAP2
AVDD
IOUT
ISET-R
HART Signal
Conditioning
HART-IN
R1
R3
R2
(ON Only in 4-mA
to 20-mA Range)
Cin
HART SIGNAL
RSET
15
NŸ
Rin
S1
+
A1
+
A2
45
DAC7760, DAC8760
www.ti.com
SBAS528B – JUNE 2013 – REVISED JUNE 2016
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Application Information (continued)
To insert the external HART signal on the CAP2 pin, an external ac-coupling capacitor is typically connected to
CAP2. The high-pass filter 3-dB frequency would be determined by the resistive impedance looking into CAP2
(R2 + 12.5 kΩ) and the coupling capacitor value. The 3-dB frequency would be 1 /(2 × π × [R2 + 12.5 kΩ] ×
[Coupling Cap Value]).
After the input HART frequency is greater than the 3-dB frequency, the ac signal is seen at the plus input of
amplifier A2 and would therefore be seen across the 40-Ω resistor. To generate a 1-mA signal on the output
would therefore require a 40-mV peak-to-peak signal on CAP2. Because most HART modems do not output a
40-mV signal, a capacitive divider is used in the above circuit to attenuate the FSK signal from the modem. In the
above circuit, the high-pass cutoff frequency would be 1 / (2 × π × [R2+12.5 kΩ] × [C1 + C2]). There is one
disadvantage of this approach: if the AVDD supply was not clean, any ripple on it could couple into the part.
9.1.2.2 Using the ISET-R Pin
The second method to implement HART is to couple the HART signal through the ISET-R pin when IOUT is
operated using an external RSET resistor. The FSK signal from the modem is ac coupled into the pin through a
series combination of Rin and Cin as shown in Figure 94.
Figure 94. Implementing HART With the ISET-R pin
The magnitude of the ac current output is calculated as (VHART × k) / Rin, where k is a constant that represents
the gain transfer function from the ISET-R pin to the IOUT pin and depends on the selected current output range
as follows: k = 60 for the 4-mA to 20-mA range, 75 for the 0-mA to 20-mA range, and 90 for the 0-mA to 24-mA
range. The series input resistor and capacitor form a high-pass filter at the ISET-R pin and Cin must be selected
to make sure that all signals in the HART extended-frequency band pass through unattenuated.
9.1.3 Short-Circuit Current Limiting
The DACx760 voltage output includes an internal circuit to typically regulate the load current to about 30 mA.
However, this parameter is not production tested or trimmed. Optionally, users can use an external current
limiting circuit on VOUT. However, if the VOUT, IOUT and +VSENSE pins are tied together, this circuit must be
placed in the VOUT path before it is tied together to the other pins at the common terminal. The nature of the
current-limiting circuit depends on the application and load. An example of a unidirectional current limiter is
shown in Figure 95.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com