Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8760IPWPR Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8760IPWPR Datasheet(HTML) 35 Page - Texas Instruments

Back Button DAC8760IPWPR Datasheet HTML 31Page - Texas Instruments DAC8760IPWPR Datasheet HTML 32Page - Texas Instruments DAC8760IPWPR Datasheet HTML 33Page - Texas Instruments DAC8760IPWPR Datasheet HTML 34Page - Texas Instruments DAC8760IPWPR Datasheet HTML 35Page - Texas Instruments DAC8760IPWPR Datasheet HTML 36Page - Texas Instruments DAC8760IPWPR Datasheet HTML 37Page - Texas Instruments DAC8760IPWPR Datasheet HTML 38Page - Texas Instruments DAC8760IPWPR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
35
DAC7760, DAC8760
www.ti.com
SBAS528B – JUNE 2013 – REVISED JUNE 2016
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
8.4 Device Functional Modes
8.4.1 Setting Voltage and Current Output Ranges
For voltage and current outputs in normal mode (VOUT and IOUT are not simultaneously enabled), the output
range is set according to Table 7.
(1)
RANGE bits cannot be programmed to 0x100. Previous value is held when this command is written.
Table 7. RANGE Bits vs Output Range
RANGE
OUTPUT RANGE
000
0 V to +5 V
001
0 V to +10 V
010
±5 V
011
±10 V
100
Not allowed(1)
101
4 mA to 20 mA
110
0 mA to 20 mA
111
0 mA to 24 mA
Note that changing the RANGE bits at any time causes the DAC data register to be cleared based on the value
of CLR-SEL (pin or register bit) and the new value of the RANGE bits.
In addition to the RANGE bits, the OVR bit extends the voltage output range by 10%. if the OVR bit is set, the
voltage output range follows Table 8, as long as there is headroom with the supply.
Table 8. Voltage Output Overrange
VOLTAGE OUTPUT RANGE
VOLTAGE OUTPUT OVERRANGE
0 V to 5 V
0 V to 5.5 V
0 V to 10 V
0 V to +11 V
±5 V
±5.5 V
±10 V
±11 V
When VOUT and IOUT are simultaneously enabled (dual-output mode) by setting the DUAL OUTEN bit in the
Configuration Register, the voltage output is controlled by the RANGE bits in the Control Register (see Table 9),
and the current output is controlled by the IOUT RANGE bits in the Configuration Register (see Table 10).
(1)
RANGE bits cannot be programmed to 0x100. Previous value is held when this command is written.
Table 9. RANGE Bits versus Voltage Output Range in Dual-Output Mode
RANGE
OUTPUT RANGE
000
0 V to +5 V
001
0 V to +10 V
010
±5 V
011
±10 V
100
Not allowed(1)
1xx
Disabled
Table 10. IOUT RANGE Bits vs Current Output Range in Dual-Output Mode
RANGE
OUTPUT RANGE
00
Disabled
01
4 mA to 20 mA
10
0 mA to 20 mA
11
0 mA to 24 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com