Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8760IPWPR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8760IPWPR Datasheet(HTML) 32 Page - Texas Instruments

Back Button DAC8760IPWPR Datasheet HTML 28Page - Texas Instruments DAC8760IPWPR Datasheet HTML 29Page - Texas Instruments DAC8760IPWPR Datasheet HTML 30Page - Texas Instruments DAC8760IPWPR Datasheet HTML 31Page - Texas Instruments DAC8760IPWPR Datasheet HTML 32Page - Texas Instruments DAC8760IPWPR Datasheet HTML 33Page - Texas Instruments DAC8760IPWPR Datasheet HTML 34Page - Texas Instruments DAC8760IPWPR Datasheet HTML 35Page - Texas Instruments DAC8760IPWPR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
32
DAC7760, DAC8760
SBAS528B – JUNE 2013 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Table 3. Watchdog Timeout Period
WDPD BITS
WATCHDOG TIMEOUT PERIOD (Typical, ms)
00
10 ms
01
51 ms
10
102 ms
11
204 ms
If enabled, the chip must have an SPI frame with 0x95 as the write address byte written to the device within the
programmed timeout period. Otherwise, the ALARM pin asserts low and the WD-FLT bit of the status register is
set to 1. Note that the ALARM pin can be asserted low for any of the different conditions as explained in the
Alarm Detection section. The WD-FLT bit is reset to 0 with a software reset, or by disabling the watchdog timer,
or by powering down the device.
When using multiple DACx760 devices in a daisy-chain configuration, the open-drain ALARM pins of all devices
can be connected together in a wired-AND function. The watchdog timer can be enabled in any number of the
devices in the chain although enabling it in one device is sufficient. The wired-AND ALARM pin may get pulled
low because of the simultaneous presence of different trigger conditions in the daisy-chained devices. The host
processor must read the status register of each device to know all the fault conditions present in the chain.
8.3.11 Frame Error Checking
If the DACx760 is used in a noisy environment, error checking can be used to check the integrity of SPI data
communication between the device and the host processor. This feature can be enabled by setting the CRCEN
bit of the Configuration Register to 1. The frame error checking scheme is based on the CRC-8-ATM (HEC)
polynomial x8 + x2 + x + 1 (that is, 100000111). When error checking is enabled, the SPI frame width is 32 bits,
as shown in Table 4. Start with the default 24-bit frame and enable frame error checking through the CRCEN bit
and switch to the 32-bit frame. The normal 24-bit SPI data are appended with an 8-bit CRC polynomial by the
host processor before feeding it to the device. For a register readback, the CRC polynomial is output on the SDO
pins by the device as part of the 32-bit frame.
Table 4. SPI Frame With Frame Error Checking
Enabled
BIT 31:BIT 8
BIT 7:BIT 0
Normal SPI frame data
8-bit CRC polynomial
The DACx760 decodes the 32-bit input frame data to compute the CRC remainder. If no error exists in the frame,
the CRC remainder is zero. When the remainder is non-zero (that is, the input frame has single- or multiple-bit
errors), the ALARM pin asserts low and the CRC-FLT bit of the status register is also set to 1. Note that the
ALARM pin can be asserted low for any of the different conditions as explained in Alarm Detection. The CRC-
FLT bit is reset to 0 with a software reset, or by disabling the frame error checking, or by powering down the
device. In the case of a CRC error, the specific SPI frame is blocked from writing to the device.
Frame error checking can be enabled for any number of DACx760 devices connected in a daisy-chain
configuration. However, TI recommends enabling error checking for none or all devices in the chain. When
connecting the ALARM pins of all combined devices, forming a wired-AND function, the host processor must
read the status register of each device to know all the fault conditions present in the chain. For proper operation,
the host processor must provide the correct number of SCLK cycles in each frame, taking care to identify
whether or not error checking is enabled in each device in the daisy-chain.
8.3.12 User Calibration
The device implements a user-calibration function to allow for trimming the system gain and zero errors. There is
a gain calibration register and a zero calibration register; the DAC output is calibrated according to the value of
these registers. The range of gain adjustment is typically ±50% of full-scale with 1 LSB per step. The gain
register must be programmed to a value of 0x8000 to achieve the default gain of 1 because the power-on value
of the register is 0x0000, which is equivalent to a gain of 0.5. The zero code adjustment is typically ±32,768
LSBs with 1 LSB per step. The input data format of the gain register is unsigned straight binary, and the input
data format of the zero register is twos complement. The gain and offset calibration is described by Equation 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com