Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8760IPWPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8760IPWPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC8760IPWPR Datasheet HTML 5Page - Texas Instruments DAC8760IPWPR Datasheet HTML 6Page - Texas Instruments DAC8760IPWPR Datasheet HTML 7Page - Texas Instruments DAC8760IPWPR Datasheet HTML 8Page - Texas Instruments DAC8760IPWPR Datasheet HTML 9Page - Texas Instruments DAC8760IPWPR Datasheet HTML 10Page - Texas Instruments DAC8760IPWPR Datasheet HTML 11Page - Texas Instruments DAC8760IPWPR Datasheet HTML 12Page - Texas Instruments DAC8760IPWPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
9
DAC7760, DAC8760
www.ti.com
SBAS528B – JUNE 2013 – REVISED JUNE 2016
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
At AVDD = 10 V to 36 V, AVSS = –18 V to 0 V, AVDD + |AVSS|
≤ 36 V, GND = 0 V, REFIN = 5-V external, and DVDD = 2.7
V to 5.5 V. For VOUT: RL = 1 kΩ, CL = 200 pF; for IOUT: RL = 300 Ω. All specifications are from TA = –40°C to 125°C, unless
otherwise noted. Typical specifications are at 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL REFERENCE OUTPUT
Reference output
TA = 25°C
4.995
5.005
V
Reference temperature coefficient(3)
TA = –40°C to 85°C
±10
ppm/°C
Output noise (0.1 Hz to 10 Hz)
TA = 25°C
14
µVPP
Noise spectral density
TA = 25°C, 10 kHz
185
nV/
√Hz
Capacitive load
600
nF
Load current
±5
mA
Short-circuit current (REFOUT shorted to GND)
25
mA
Load regulation
AVDD = 24 V, AVSS = 0 V, TA = 25°C, sourcing
55
µV/mA
AVDD = 24 V, AVSS = 0 V, TA = 25°C, sinking
120
Line regulation
±1.2
µV/V
DVDD INTERNAL REGULATOR
Output voltage
AVDD = 24 V
4.6
V
Output load current(3)
10
mA
Load regulation
3.5
mV/mA
Line regulation
1
mV/V
Short-circuit current
AVDD = 24 V, to GND
35
mA
Capacitive load stability(3)
2.5
µF
DIGITAL INPUTS
Hysteresis voltage
0.4
V
Input current
DVDD-EN, VIN ≤ 5 V
–2.7
µA
All pins other than DVDD-EN
±1
µA
Pin capacitance
Per pin
10
pF
DIGITAL OUTPUTS
SDO
VOL, output low voltage, sinking 200 µA
0.4
V
VOH, output high voltage, sourcing 200 µA
DVDD –
0.5
V
High-impedance leakage
±1
µA
ALARM
VOL, output low voltage, 10-kΩ pullup resistor to
DVDD
0.4
V
VOL, output low voltage, 2.5 mA
0.6
V
High-impedance leakage
±1
µA
High-impedance output capacitance
10
pF
POWER REQUIREMENTS
AIDD
Outputs disabled, external DVDD
3
mA
Outputs disabled, internal DVDD
4
Code = 0x8000, VOUT enabled, unloaded
4.6
Code = 0x0000, IOUT enabled
3
Code = 0x0000, both outputs enabled, VOUT
unloaded
4.6
AISS
Outputs disabled
0.6
mA
Outputs disabled, Internal DVDD
0.6
Code = 0x8000, VOUT enabled, unloaded
2.6
Code = 0x0000, IOUT enabled
0.6
Code = 0x0000, both outputs enabled, VOUT
unloaded
2.6
DIDD
VIH = DVDD, VIL = GND, interface idle
1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com