Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8760IPWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8760IPWPR Datasheet(HTML) 1 Page - Texas Instruments

  DAC8760IPWPR Datasheet HTML 1Page - Texas Instruments DAC8760IPWPR Datasheet HTML 2Page - Texas Instruments DAC8760IPWPR Datasheet HTML 3Page - Texas Instruments DAC8760IPWPR Datasheet HTML 4Page - Texas Instruments DAC8760IPWPR Datasheet HTML 5Page - Texas Instruments DAC8760IPWPR Datasheet HTML 6Page - Texas Instruments DAC8760IPWPR Datasheet HTML 7Page - Texas Instruments DAC8760IPWPR Datasheet HTML 8Page - Texas Instruments DAC8760IPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
DAC
GND
DACx760
AVDD
DVDD-EN
AVSS
DVDD
Pre-
Conditioning
Current
Source
I
ENABLE
ISET-R
I
GAIN
V
GAIN
V
ENABLE
Current Output Stage
Voltage Output Stage
Watchdog
Timer
Slew Rate
Control
User Calibration
Gain/Offset
Register
DAC Input
Register
Thermal
Alarm
Internal
Reference
CMP
–VSENSE
+VSENSE
VOUT
IOUT
ALARM
BOOST
REFOUT
REFIN
HART-IN
LATCH
SCLK
DIN
SDO
CLR
CLR-SEL
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DAC7760, DAC8760
SBAS528B – JUNE 2013 – REVISED JUNE 2016
DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output
Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
1
1 Features
1
•
Current Output: 4 mA to 20 mA;
0 mA to 20 mA; 0 mA to 24 mA
•
Voltage Output:
–
0 V to 5 V; 0 V to 10 V; ±5 V; ±10 V
–
0 V to 5.5 V; 0 V to 11 V; ±5.5 V; ±11 V
(10% Over Range)
•
±0.1% FSR Total Unadjusted Error (TUE)
Maximum
•
DNL: ±1 LSB Maximum
•
Simultaneous Voltage and Current Output
•
Internal 5-V Reference (10 ppm/°C, Maximum)
•
Internal 4.6-V Power-Supply Output
•
Reliability Features:
–
CRC Check and Watchdog Timer
–
Thermal Alarm
–
Open Alarm, Short Current Limit
•
Wide Temperature Range: –40°C to 125°C
•
6-mm × 6-mm 40-Pin VQFN and 24-Pin HTSSOP
Packages
2 Applications
•
4-mA to 20-mA Current Loops
•
Analog Output Modules
•
Building Automation
•
Environment Monitoring
•
Programmable Logic Controllers (PLCs)
•
Field Sensors and Process Transmitters
3 Description
The DAC7760 and DAC8760 are low-cost, precision,
fully-integrated, 12-bit and 16-bit digital-to-analog
converters
(DACs)
designed
to
meet
the
requirements
of
industrial
process-control
applications. These devices can be programmed as a
current output with a range of 4 mA to 20 mA, 0 mA
to 20 mA, or 0 mA to 24 mA; or as a voltage output
with a range of 0 V to 5 V, 0 V to 10 V, ±5 V, or
±10 V with a 10% overrange (0 V to 5.5 V, 0 V to
11 V, ±5.5 V, or ±11 V). Both current and voltage
outputs can be simultaneously enabled while being
controlled by a single data register.
These devices include a power-on-reset function to
ensure powering up in a known state (both IOUT and
VOUT are disabled and in a Hi-Z state). The CLR
and CLR-SEL pins set the voltage outputs to zero-
scale or midscale, and the current output to the low
end of the range, if the output is enabled. Zero and
gain
registers
can
be
programmed
to
digitally
calibrate the device in the end system. The output
slew rate is also programmable by register. These
devices can superimpose an external HART® signal
on the current output and can operate with either a
single 10-V to 36-V supply, or dual supplies of up to
±18 V. All versions are available in both 6-mm ×
6-mm 40-pin VQFN and 24-pin HTSSOP packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DACx760
HTSSOP (24)
7.80 mm × 4.40 mm
VQFN (40)
6.00 mm × 6.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Block Diagram


Similar Part No. - DAC8760IPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8760IPWPR TI-DAC8760IPWPR Datasheet
193Kb / 6P
Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converter for 4-mA to 20-mA Current Loop Applications
DAC8760IPWPR TI2-DAC8760IPWPR Datasheet
6Mb / 69P
DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
REVISED DECEMBER 2021
DAC8760IPWPR.A TI2-DAC8760IPWPR.A Datasheet
6Mb / 69P
DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
REVISED DECEMBER 2021
DAC8760IPWPR.B TI2-DAC8760IPWPR.B Datasheet
6Mb / 69P
DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
REVISED DECEMBER 2021
DAC8760IPWPRG4 TI2-DAC8760IPWPRG4 Datasheet
6Mb / 69P
DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
REVISED DECEMBER 2021
More results

Similar Description - DAC8760IPWPR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5755 AD-AD5755_11 Datasheet
2Mb / 48P
Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
REV. 0
AD5755-1 AD-AD5755-1_11 Datasheet
1Mb / 48P
Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
REV. A
AD5737 AD-AD5737_12 Datasheet
1Mb / 44P
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
logo
Texas Instruments
DAC8760IPWPR TI-DAC8760IPWPR Datasheet
193Kb / 6P
Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converter for 4-mA to 20-mA Current Loop Applications
DAC7750 TI-DAC7750_15 Datasheet
3Mb / 53P
DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC7760 TI-DAC7760_15 Datasheet
4Mb / 59P
Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC7750 TI1-DAC7750 Datasheet
3Mb / 53P
DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC8775 TI1-DAC8775 Datasheet
7Mb / 81P
Quad-Channel, 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converter with Adaptive Power Management
DAC8771 TI1-DAC8771 Datasheet
4Mb / 77P
Single-Channel,16-Bit Voltage and Current Output Digital-to-Analog Converter with Adaptive Power Management
AFE78101 TI-AFE78101 Datasheet
3Mb / 88P
AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com