Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8760IPWPR Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8760IPWPR Datasheet(HTML) 37 Page - Texas Instruments

Back Button DAC8760IPWPR Datasheet HTML 33Page - Texas Instruments DAC8760IPWPR Datasheet HTML 34Page - Texas Instruments DAC8760IPWPR Datasheet HTML 35Page - Texas Instruments DAC8760IPWPR Datasheet HTML 36Page - Texas Instruments DAC8760IPWPR Datasheet HTML 37Page - Texas Instruments DAC8760IPWPR Datasheet HTML 38Page - Texas Instruments DAC8760IPWPR Datasheet HTML 39Page - Texas Instruments DAC8760IPWPR Datasheet HTML 40Page - Texas Instruments DAC8760IPWPR Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 63 page
background image
Bit
Boundary
Phase
Continuous
2200 Hz
(space)
1200 Hz
(mark)
Time
5.5 mA
6.5 mA
6.0 mA
Bit Cell Time = 833 s
m
37
DAC7760, DAC8760
www.ti.com
SBAS528B – JUNE 2013 – REVISED JUNE 2016
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
8.4.4.1 For 4-mA to 20-mA Mode
This method is limited to the case where the RANGE bits of the Table 17 are programmed to the 4-mA to 20-mA
range. Some applications require going beyond the 4-mA to 20-mA range. In those cases, see second method
described in this section.
The external HART signal (ac voltage; 500 mVPP, 1200 Hz and 2200 Hz) can be capacitively coupled in through
the HART-IN pin and transferred to a current that is superimposed on the 4-mA to 20-mA current output. The
HART-IN pin has a typical input impedance of 35 kΩ that together with the input capacitor used to couple the
external HART signal forms a filter to attenuate frequencies beyond the HART band-pass region. In addition to
this filter, an external passive filter is recommended to complete the filtering requirements of the HART
specifications. Figure 89 illustrates the output current versus time operation for a typical HART signal.
Note:
DC current = 6 mA.
Figure 89. Output Current vs Time
Table 11 specifies the performance of the HART-IN pin.
Table 11. HART-IN Pin Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input impedance
HART signal ac-coupled into pin
35
kΩ
Output current (peak-to-peak)
Input signal of 500 mV (peak-to-peak)
0.9
1
1.1
mA
8.4.4.2 For All Current Output Modes
The use of the HART-IN pin to implement HART modulation is limited to the case where the RANGE bits of the
Table 17 are set to the 4-mA to 20-mA range. To implement HART in all current-output modes, see
Implementing HART in All Current Output Modes.
8.5 Programming
8.5.1 Serial Peripheral Interface (SPI)
The device is controlled over a versatile four-wire serial interface (SDI, SDO, SCLK, and LATCH) that operates at
clock rates of up to 30 MHz and is compatible with SPI, QSPI™, Microwire, and digital signal processing (DSP)
standards. The SPI communication command consists of a write address byte and a data word for a total of 24
bits. The timing for the digital interface is shown in Figure 1, Figure 2, and Figure 3.
8.5.1.1 SPI Shift Register
The default frame is 24 bits wide (refer to the Frame Error Checking section for 32-bit frame mode) and begins
with the rising edge of SCLK that clocks in the MSB. The subsequent bits are latched on successive rising edges
of SCLK. The default 24-bit input frame consists of an 8-bit address byte followed by a 16-bit data word as
shown in Table 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com