Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8760IPWPR Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8760IPWPR Datasheet(HTML) 30 Page - Texas Instruments

Back Button DAC8760IPWPR Datasheet HTML 26Page - Texas Instruments DAC8760IPWPR Datasheet HTML 27Page - Texas Instruments DAC8760IPWPR Datasheet HTML 28Page - Texas Instruments DAC8760IPWPR Datasheet HTML 29Page - Texas Instruments DAC8760IPWPR Datasheet HTML 30Page - Texas Instruments DAC8760IPWPR Datasheet HTML 31Page - Texas Instruments DAC8760IPWPR Datasheet HTML 32Page - Texas Instruments DAC8760IPWPR Datasheet HTML 33Page - Texas Instruments DAC8760IPWPR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
30
DAC7760, DAC8760
SBAS528B – JUNE 2013 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
8.3.5 Digital Power Supply
An internally generated 4.6-V supply capable of driving up to 10 mA can be output on DVDD by leaving the DVD-
EN pin unconnected. This supply eases the system power supply design especially when an isolation barrier is
required to cross and generate the digital supply. It can be used to drive isolation components used for the digital
data lines and other miscellaneous components like references and temp sensors. See Figure 96 for an example
application. If an external supply is preferred, the DVDD pin (which can be driven up to 5.5 V in this case) can be
made into an input by tying DVDD-EN to GND (see Electrical Characteristics for detailed specifications).
8.3.6 DAC Clear
The DAC has an asynchronous clear function through the CLR pin, which is active-high and allows the voltage
output to be cleared to either zero-scale code or midscale code. This action is user-selectable through the CLR-
SEL pin or the CLRSEL bit of the Table 17, as Table 2 describes. The CLR-SEL pin and CLRSEL register are
ORed together. The current output clears to the bottom of its preprogrammed range. When the CLR signal
returns to low, the output remains at the cleared value. The pre-clear value can be restored by pulsing the
LATCH signal without clocking any data. A new value cannot be programmed until the CLR pin returns to low.
Note that in dual-output mode, the value that the DAC data register is cleared to follows the settings for the
voltage output mode.
Table 2. CLR-SEL Options
CLR-SEL
OUTPUT VALUE
UNIPOLAR OUTPUT RANGE
BIPOLAR OUTPUT RANGE
0
0 V
0 V
1
Midscale
Negative full-scale
In addition to defining the output value for a clear operation, the CLRSEL bit and the CLR-SEL pin also define
the default output value. During the selection of a new voltage range, the output value corresponds to the
definitions given in Table 7. To avoid glitches on the output, disable the output by writing a 0 to the OUTEN bit of
the Table 17 before changing the voltage range. When the OUTEN bit is set to 1, the output goes to the default
value as defined by the CLRSEL bit and the CLR-SEL pin.
8.3.7 Power-Supply Sequence
The DACx760 has internal power on reset (POR) circuitry for both the digital DVDD and analog AVDD supplies.
This circuitry makes sure that the internal logic and power-on state of the DAC power up to the proper state
independent of the supply sequence. While there is no required supply power-on sequence, the recommendation
is to first have the digital DVDD supply come up, followed by the analog supplies, AVDD and AVSS. AVSS is
powered assuming a negative supply is being used. Otherwise, AVSS is tied to GND.
8.3.8 Power-On Reset
The DACx760 incorporates two internal POR circuits for the DVDD and AVDD supplies. The DVDD and AVDD
POR signals are ANDed together so that both supplies must be at their minimal specified values for the device to
not be in a reset condition. These POR circuits initialize internal logic and registers as well as set the analog
outputs to a known state while the device supplies are ramping. All registers are reset to their default values with
the default value of the data register being determined by the CLR-SEL pin. The behavior of IOUT and VOUT is
described in their respective sections. Typically the POR function can be ignored as long as the device supplies
power up and maintain the specified minimum voltage levels. However, in the case of supply drop or brownout,
the DACx760 can have an internal POR reset event or lose digital memory integrity. Figure 85 represents the
threshold levels for the internal POR for both the DVDD and AVDD supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com