Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355CZCEA13 Datasheet(PDF) 145 Page - Texas Instruments

Part # TMS320DM355CZCEA13
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA13 Datasheet(HTML) 145 Page - Texas Instruments

Back Button TMS320DM355CZCEA13 Datasheet HTML 141Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 142Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 143Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 144Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 145Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 146Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 147Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 148Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 149Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 163 page
background image
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
5.14.1
ASP Electrical Data/Timing
5.14.1.1
Audio Serial Port (ASP) Timing
Table 5-35. Timing Requirements for ASP(1) (see Figure 5-41)
DM355
NO.
PARAMETER
UNIT
MIN
MAX
15
tc(CLK)
Cycle time, CLK
CLK ext
38.5 or 2P(2) (3)
ns
19.25 or P(2) (3)
16
OTG(CLKS)
Pulse duration, CLKR/X high or CLKR/X low
CLKS ext
ns
(4)
CLKR int
21
5
tsu(FRH-CKRL)
Setup time, external FSR high before CLKR low
ns
CLKR ext
6
CLKR int
0
6
th(CKRL-FRH)
Hold time, external FSR high after CLKR low
ns
CLKR ext
6
CLKR int
21
7
tsu(DRV-CKRL)
Setup time, DR valid before CLKR low
ns
CLKR ext
6
CLKR int
0
8
th(CKRL-DRV)
Hold time, DR valid after CLKR low
ns
CLKR ext
6
CLKX int
21
10
tsu(FXH-CKXL)
Setup time, external FSX high before CLKX low
ns
CLKX ext
6
CLKX int
0
11
th(CKXL-FXH)
Hold time, external FSX high after CLKX low
ns
CLKX ext
10
(1)
CLKRP = CLKXP = FSRP = FSXP = 0. If polarity of any of the signals is inverted, then the timing references of that signal are also
inverted.
(2)
P = (1/SYSCLK2), where SYSCLK2 is an output clock of PLLC1 (see Section 3.5 ) .
(3)
Use which ever value is greater.
(4)
The ASP does not have a duty cycle specification, just ensure that the minimum pulse duration specification is met.
Copyright © 2007–2010, Texas Instruments Incorporated
DM355 Peripheral Information and Electrical Specifications
145
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com