Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355CZCEA13 Datasheet(PDF) 44 Page - Texas Instruments

Part # TMS320DM355CZCEA13
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA13 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TMS320DM355CZCEA13 Datasheet HTML 40Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 41Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 42Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 43Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 44Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 45Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 46Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 47Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 163 page
background image
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
Table 2-23. DM355 Pin Descriptions (continued)
Name
BGA
Type Group
Power
PU
Reset
Description(4)
Mux Control
ID
(1)
Supply(2)
PD(3)
State
DDR_DQS[0]
V12
I/O
DDR
VDD_DDR
in
Data strobe input/outputs for each byte of
the 16 bit data bus used to synchronize the
data transfers. Output to DDR when writing
and inputs when reading.
DDR_DQS0: For DDR_DQ[7:0]
DDR_BA[2]
V8
I/O
DDR
VDD_DDR
out L
Bank select outputs. Two are required for
1Gb DDR2 memories.
DDR_BA[1]
U7
I/O
DDR
VDD_DDR
out L
Bank select outputs. Two are required for
1Gb DDR2 memories.
DDR_BA[0]
U8
I/O
DDR
VDD_DDR
out L
Bank select outputs. Two are required for
1Gb DDR2 memories.
DDR_A13
U6
I/O
DDR
VDD_DDR
out L
DDR Address Bus bit 13
DDR_A12
V7
I/O
DDR
VDD_DDR
out L
DDR Address Bus bit 12
DDR_A11
W7
I/O
DDR
VDD_DDR
out L
DDR Address Bus bit 11
DDR_A10
V6
I/O
DDR
VDD_DDR
out L
DDR Address Bus bit 10
DDR_A09
W6
I/O
DDR
VDD_DDR
out L
DDR Address Bus bit 09
DDR_A08
W5
I/O
DDR
VDD_DDR
out L
DDR Address Bus bit 08
DDR_A07
V5
I/O
DDR
VDD_DDR
out L
DDR Address Bus bit 07
DDR_A06
U5
I/O
DDR
VDD_DDR
out L
DDR Address Bus bit 06
DDR_A05
W4
I/O
DDR
VDD_DDR
out L
DDR Address Bus bit 05
DDR_A04
V4
I/O
DDR
VDD_DDR
out L
DDR Address Bus bit 04
DDR_A03
W3
I/O
DDR
VDD_DDR
out L
DDR Address Bus bit 03
DDR_A02
W2
I/O
DDR
VDD_DDR
out L
DDR Address Bus bit 02
DDR_A01
V3
I/O
DDR
VDD_DDR
out L
DDR Address Bus bit 01
DDR_A00
V2
I/O
DDR
VDD_DDR
out L
DDR Address Bus bit 00
DDR_DQ15
W17
I/O
DDR
VDD_DDR
in
DDR Data Bus bit 15
DDR_DQ14
V16
I/O
DDR
VDD_DDR
in
DDR Data Bus bit 14
DDR_DQ13
W16
I/O
DDR
VDD_DDR
in
DDR Data Bus bit 13
DDR_DQ12
U16
I/O
DDR
VDD_DDR
in
DDR Data Bus bit 12
DDR_DQ11
W15
I/O
DDR
VDD_DDR
in
DDR Data Bus bit 11
DDR_DQ10
W14
I/O
DDR
VDD_DDR
in
DDR Data Bus bit 10
DDR_DQ09
V14
I/O
DDR
VDD_DDR
in
DDR Data Bus bit 09
DDR_DQ08
U13
I/O
DDR
VDD_DDR
in
DDR Data Bus bit 08
DDR_DQ07
W13
I/O
DDR
VDD_DDR
in
DDR Data Bus bit 07
DDR_DQ06
V13
I/O
DDR
VDD_DDR
in
DDR Data Bus bit 06
DDR_DQ05
W12
I/O
DDR
VDD_DDR
in
DDR Data Bus bit 05
DDR_DQ04
U12
I/O
DDR
VDD_DDR
in
DDR Data Bus bit 04
DDR_DQ03
T11
I/O
DDR
VDD_DDR
in
DDR Data Bus bit 03
DDR_DQ02
U11
I/O
DDR
VDD_DDR
in
DDR Data Bus bit 02
DDR_DQ01
W11
I/O
DDR
VDD_DDR
in
DDR Data Bus bit 01
DDR_DQ00
V11
I/O
DDR
VDD_DDR
in
DDR Data Bus bit 00
DDR_
W18
I/O
DDR
VDD_DDR
out
DDR: Loopback signal for external DQS
DQGATE0
gating. Route to DDR and back to
DDR_DQGATE1 with same constraints as
used for DDR clock and data.
DDR_
V17
I/O
DDR
VDD_DDR
in
DDR: Loopback signal for external DQS
DQGATE1
gating. Route to DDR and back to
DDR_DQGATE0 with same constraints as
used for DDR clock and data.
44
Device Overview
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com