Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355CZCEA13 Datasheet(PDF) 54 Page - Texas Instruments

Part # TMS320DM355CZCEA13
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA13 Datasheet(HTML) 54 Page - Texas Instruments

Back Button TMS320DM355CZCEA13 Datasheet HTML 50Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 51Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 52Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 53Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 54Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 55Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 56Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 57Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 163 page
background image
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
Table 2-23. DM355 Pin Descriptions (continued)
Name
BGA
Type Group
Power
PU
Reset
Description(4)
Mux Control
ID
(1)
Supply(2)
PD(3)
State
RSV06
M2
PWR
Reserved. This signal should be connected
to VSS.
RSV07
K2
GND
Reserved. This signal should be connected
to VSS.
NC
H8
No connect
VDD_VIN
P6
PWR
Power for Digital Video Input IO (3.3 V)
VDD_VIN
P7
PWR
Power for Digital Video Input IO (3.3 V)
VDD_VIN
P8
PWR
Power for Digital Video Input IO (3.3 V)
VDD_VOUT
F6
PWR
Power for Digital Video Output IO (3.3 V)
VDD_VOUT
F7
PWR
Power for Digital Video Output IO (3.3 V)
VDD_VOUT
F8
PWR
Power for Digital Video Output IO (3.3 V)
VDD_DDR
M9
PWR
Power for DDR I/O (1.8 V)
VDD_DDR
P9
PWR
Power for DDR I/O (1.8 V)
VDD_DDR
P10
PWR
Power for DDR I/O (1.8 V)
VDD_DDR
P11
PWR
Power for DDR I/O (1.8 V)
VDD_DDR
P12
PWR
Power for DDR I/O (1.8 V)
VDD_DDR
P13
PWR
Power for DDR I/O (1.8 V)
VDD_DDR
P14
PWR
Power for DDR I/O (1.8 V)
VDD_DDR
R9
PWR
Power for DDR I/O (1.8 V)
VDD_DDR
R12
PWR
Power for DDR I/O (1.8 V)
VDD_DDR
T14
PWR
Power for DDR I/O (1.8 V)
VDDA_PLL1
G12
PWR
Analog Power for PLL1 (1.3 V)
VDDA_PLL2
H9
PWR
Analog Power for PLL2 (1.3 V)
CVDD
A1
PWR
Core power (1.3 V)
CVDD
A10
PWR
Core power (1.3 V)
CVDD
B19
PWR
Core power (1.3 V)
CVDD
C4
PWR
Core power (1.3 V)
CVDD
G6
PWR
Core power (1.3 V)
CVDD
G11
PWR
Core power (1.3 V)
CVDD
H10
PWR
Core power (1.3 V)
CVDD
H13
PWR
Core power (1.3 V)
CVDD
H17
PWR
Core power (1.3 V)
CVDD
J11
PWR
Core power (1.3 V)
CVDD
J12
PWR
Core power (1.3 V)
CVDD
J13
PWR
Core power (1.3 V)
CVDD
K6
PWR
Core power (1.3 V)
CVDD
K11
PWR
Core power (1.3 V)
CVDD
K12
PWR
Core power (1.3 V)
CVDD
L11
PWR
Core power (1.3 V)
CVDD
L12
PWR
Core power (1.3 V)
CVDD
N6
PWR
Core power (1.3 V)
CVDD
R7
PWR
Core power (1.3 V)
CVDD
R8
PWR
Core power (1.3 V)
CVDD
T17
PWR
Core power (1.3 V)
CVDD
W19
PWR
Core power (1.3 V)
VDD
F9
PWR
Power for Digital IO (3.3 V)
VDD
F10
PWR
Power for Digital IO (3.3 V)
54
Device Overview
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com