| Electronic Components Datasheet Search |
|
TMS320DM355CZCEA13 Datasheet(PDF) 92 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM355CZCEA13 Datasheet(HTML) 92 Page - Texas Instruments |
|
92 / 163 page ![]() TMS320DM355 SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010 www.ti.com ID. – The RBL contains an internal table with a list of known NAND devices. Table 3-23 shows the devices contained in the tables. – If the device ID is not found in the table, then the RBL use the fourth byte of the NAND to decode this to obtain the necessary parameters. • Once a device ID is identified, the first 24 blocks of the NAND are read sequentially starting with page 0 with an offset of 512 bytes. The purpose of the read is to locate a magic number which will identify the revision of the silicon. Table 3-24 contains magic numbers and their functions. • If a Compatibility mode magic number is read, then the device enters compatibility mode. In compatibility mode, NAND layout is identical to that used in previous revisions of the silicon as shown in Table 3-25. Only 512-byte small blocks and 2048-byte big blocks are supported. • If a Standard mode magic number is read, the NAND layout is as shown in Table 3-26: 512-bytes small block and 2048- and 4096- big block devices are supported. 8192-block devices are also supported. Note: At the time of production of this document revision, only 4096-block devices were available for testing. • Once a magic number is identified, the User Boot Loader (UBL) is loaded from the NAND, stored to internal RAM, and executed. Table 3-23. NAND Devices in NAND Device ID Table DEVICE ID PAGES PER BLOCK BYTES PER PAGE BLOCK SHIFT VALUE NUMBER OF ADDRESS FOR ADDRESS CYCLES 0xE3 16 512+16 12 3 0xE5 16 512+16 12 3 0xE6 16 512+16 12 3 0x39(1) 16 512+16 13 3 0x6B 16 512+16 13 3 0x73 32 512+16 13 3 0x33 32 512+16 13 3 0x75 32 512+16 13 3 0x35 32 512+16 13 3 0x43 32 512+16 13 4 0x45 32 512+16 13 4 0x53 32 512+16 13 4 0x55 32 512+16 13 4 0x76 32 512+16 13 4 0x36 32 512+16 13 4 0x79 32 512+16 13 4 0x71 32 512+16 13 4 0x46 32 512+16 13 4 0x56 32 512+16 13 4 0x74 32 512+16 13 4 0xF1 64 2048+64 22 4 0xA1 64 2048+64 22 4 0xAA 64 2048+64 22 5 0xDA 64 2048+64 22 5 0xAC 64 2048+64 22 5 0xDC 64 2048+64 22 5 0xB1 64 2048+64 22 5 0xC1 64 2048+64 22 5 (1) Present only on silicon revision 1.1. 92 Detailed Device Description Copyright © 2007–2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM355 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |