Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355CZCEA13 Datasheet(PDF) 58 Page - Texas Instruments

Part # TMS320DM355CZCEA13
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA13 Datasheet(HTML) 58 Page - Texas Instruments

Back Button TMS320DM355CZCEA13 Datasheet HTML 54Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 55Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 56Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 57Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 58Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 59Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 60Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 61Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 163 page
background image
DM355
PREFIX
TMS 320
DM355
ZCE
TMX = Experimental device
TMS = Qualified device
DEVICE FAMILY
320 = TMS320 DSPfamily
PACKAGE TYPE(A)
ZCE = 337-pin plastic BGA, with Pb-free soldered balls
DEVICE(B)
( )
SILICON REVISION
(
) (
)
TEMPERATURE RANGE (DEFAULT: 0°C TO 85°C)
0°C to 85°C, commercial temperature
A = 40°C to 10 °C
–
0
, extended temperature
Blank =
SPEED GRADE
216 or 21 = 216 MHz
270 = 270 MHz (with 216 MHz Max DDR)
135 or 13 = 135 MHz
27J = 270 MHz (with 198 MHz Max DDR)
(C)
A. BGA = Ball Grid Array
B. For actual device part numbers (P/Ns) and ordering information, contact your nearest TI Sales representative.
C. For more information on silicon revision, see
(literature number SPRZ264).
TMS320DM355 DMSoC Silicon Errata
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the
package type (for example, ZCE), the temperature range (for example, "Blank" is the commercial
temperature range), and the device speed range in megahertz (for example, 202 is 202.5 MHz). The
following figure provides a legend for reading the complete device name for any TMS320DM355 DMSoC
platform member.
Figure 2-5. Device Nomenclature
2.21.3 Device Documentation
2.21.3.1 Related Documentation From Texas Instruments
The following documents describe the TMS320DM35x Digital Media System-on-Chip (DMSoC). Copies of
these documents are available on the internet at www.ti.com.
SPRS463
TMS320DM355 Digital Media System-on-Chip (DMSoC) Data Manual
This document
describes the overall TMS320DM355 system, including device architecture and features,
memory map, pin descriptions, timing characteristics and requirements, device mechanicals,
etc.
SPRZ264
TMS320DM355 DMSoC Silicon Errata Describes the known exceptions to the functional
specifications for the TMS320DM355 DMSoC.
SPRUFB3
TMS320DM35x Digital Media System-on-Chip (DMSoC) ARM Subsystem Reference
Guide This document describes the ARM Subsystem in the TMS320DM35x Digital Media
System-on-Chip (DMSoC). The ARM subsystem is designed to give the ARM926EJ-S
(ARM9) master control of the device. In general, the ARM is responsible for configuration
and control of the device; including the components of the ARM Subsystem, the peripherals,
and the external memories.
SPRUED1
TMS320DM35x
Digital
Media
System-on-Chip
(DMSoC)
Asynchronous
External
Memory Interface (EMIF) Reference Guide This document describes the asynchronous
external memory interface (EMIF) in the TMS320DM35x Digital Media System-on-Chip
(DMSoC). The EMIF supports a glueless interface to a variety of external devices.
SPRUED2
TMS320DM35x Digital Media System-on-Chip (DMSoC) Universal Serial Bus (USB)
Controller Reference Guide This document describes the universal serial bus (USB)
controller in the TMS320DM35x Digital Media System-on-Chip (DMSoC). The USB controller
supports data throughput rates up to 480 Mbps. It provides a mechanism for data transfer
between USB devices and also supports host negotiation.
SPRUED3
TMS320DM35x Digital Media System-on-Chip (DMSoC) Audio Serial Port (ASP)
58
Device Overview
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com