Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355CZCEA13 Datasheet(PDF) 83 Page - Texas Instruments

Part # TMS320DM355CZCEA13
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA13 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TMS320DM355CZCEA13 Datasheet HTML 79Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 80Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 81Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 82Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 83Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 84Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 85Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 86Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 163 page
background image
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
•
Power management
–
Deep sleep mode
•
Bandwidth Management
–
Bus master DMA priority control
For more information on the System Control Module refer to TMS320DM35x Digital Media
System-on-Chip (DMSoC) ARM Subsystem Reference Guide (literature number SPRUFB3) .
3.9
Pin Multiplexing
The DM355 makes extensive use of pin multiplexing to accommodate the large number of peripheral
functions in the smallest possible package. In order to accomplish this, pin multiplexing is controlled using
a combination of hardware configuration (at device reset) and software control. No attempt is made by the
DM355 hardware to ensure that the proper pin muxing has been selected for the peripherals or interface
mode being used, thus proper pin muxing configuration is the responsibility of the board and software
designers. An overview of the pin multiplexing is shown in Table 3-18.
Table 3-18. Peripheral Pin Mux Overview
Peripheral
Muxed With
Primary Function
Secondary Function
Tertiary Function
VPFE (video in)
GPIO and SPI2
VPFE (video in)
SPI2
GPIO
VPBE (video out)
GPIO, PWM, and RTO
VPBE (video out)
PWM and RTO
GPIO
AEMIF
GPIO
AEMIF
GPIO
none
ASP0
GPIO
ASP0
GPIO
none
MMC/SD1
GPIO and UART2
MMC/SD1
GPIO
UART2
CLKOUT
GPIO
CLKOUT
GPIO
none
I2C
GPIO
I2C
GPIO
none
UART1
GPIO
UART1
GPIO
none
SPI1
GPIO
SPI1
GPIO
none
SPI0
GPIO
SPI0
GPIO
none
3.9.1
Hardware Controlled Pin Multiplexing
Use the Asynchronous EMIF configuration pins (AECFG[3:0]) for hardware pin mux control. AECFG[3:0]
control the partitioning of the AEMIF addresses and GPIOs at reset, which allows you to properly
configure the number of AEMIF address pins required by the boot device while unused addresses pins are
available as GPIOs. These settings may be changed by software after reset by programming the PinMux2
register The PinMux2 register is in the System Control Module. As shown in Table 3-19, the number of
address bits enabled on the AEMIF is selectable from 0 to 16. Pins that are not assigned to another
peripheral and not enabled as address signals become GPIOs (except EM_A[2:1]). The enabled address
signals are always contiguous from EM_BA[1] upwards; bits cannot be skipped. The exception to this are
EM_A[2:1]. These signals (can be used to) represent the ALE and CLE signals for the NAND Flash mode
of the AEMIF and are always enabled. Note that EM_A[0] does not represent the lowest AEMIF address
bit. DM355 supports only 16-bit and 8-bit data widths for the AEMIF. In 16-bit mode, EM_BA[1] represents
the LS address bit (the half-word address) and EM_BA[0] represents the MS address bit (A[14]). In 8-bit
mode, EM_BA[1:0] represent the 2 LS address bits. Note that additional selections are available by
programming the PinMux2 register in software after boot. Note that AECFG selection of ‘0010’ selects
OneNAND interface. The AEMIF needs to operate in the half-rate mode (full_rate = 0) to meet frequency
requirements. Software should not change the PINMUX2 register setting to affect the AEMIF rate
operation. A soft reset of the AEMIF should be performed any time a rate change is made.
Copyright © 2007–2010, Texas Instruments Incorporated
Detailed Device Description
83
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com