Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355CZCEA13 Datasheet(PDF) 89 Page - Texas Instruments

Part # TMS320DM355CZCEA13
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA13 Datasheet(HTML) 89 Page - Texas Instruments

Back Button TMS320DM355CZCEA13 Datasheet HTML 85Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 86Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 87Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 88Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 89Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 90Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 91Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 92Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 163 page
background image
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
3.12 Device Boot Modes
The DM355 ARM can boot from either Async EMIF (AEMIF/OneNand) or from ARM ROM, as determined
by the setting of the device configuration pins BTSEL[1:0]. The BTSEL[1:0] pins can define the ROM boot
mode further as well.
The boot selection pins (BTSEL[1:0]) determine the ARM boot process. After reset (POR, warm reset, or
max reset), ARM program execution begins in ARM ROM at 0x0000: 8000, except when BTSEL[1:0] = 01,
indicating AEMIF (AEMIF/OneNand) boot. See Section 3.11.1 for information on the boot selection pins.
3.12.1 Boot Modes Overview
DM355’s ARM ROM boot loader (RBL) executes when the BTSEL[1:0] pins indicate a condition other than
the normal ARM EMIF boot.
•
If BTSEL[1:0] = 01 - Asynchronous EMIF (AEMIF) boot. This mode is handled by hardware control and
does not involve the ROM. In the case of OneNAND, the user is responsible for putting any necessary
boot code in the OneNAND's boot page. This code shall configure the AEMIF module for the
OneNAND device. After the AEMIF module is configured, booting will continue immediately after the
OneNAND’s boot page with the AEMIF module managing pages thereafter.
•
The RBL supports 3 distinct boot modes:
–
BTSEL[1:0] = 00 - ARM NAND/SPI Boot
–
BTSEL[1:0] = 10 - ARM MMC/SD Boot
–
BTSEL[1:0] = 11 - ARM UART Boot
•
In NAND mode if SPI boot fails, then NAND mode is tried. If NAND boot fails, then MMC/SD mode is
tried.
•
If MMC/SD boot fails, then MMC/SD boot is tried again.
•
If UART boot fails, then UART boot is tried again.
•
RBL uses GIO61 to indicate boot status (can use to blink LED):
–
After reset, GIO61 is initially driven low (e.g LED off)
–
If NAND boot fails, then GIO61 shall toggle at 4Hz while MMC/SD boot is tried.
–
If MMC/SD boot fails, then GIO61 shall toggle at 4Hz while MMC/SD boot is retried.
–
If UART boot fails, then GIO61 shall toggle at 2Hz while UART boot is retried.
–
When boot is successful, just before program control is given to UBL, GIO61 is driven high (e.g.
LED on)
–
DM355 Timer0 shall be used to accurately toggle GIO61 at 4Hz and 2Hz
•
ARM ROM Boot - SPI boot in NAND Mode
–
No support for a full firmware boot. Instead, copies a second stage User Boot Loader (UBL) from
SPI to ARM Internal RAM (AIM) and transfers control to the user software.
–
Support for 16 and 24 bit SPI EEPROMs
–
Support for up to 30KB UBL (32KB - ~2KB for RBL stack)
–
RBL will copy UBL to ARM Internal RAM (AIM) via SPI interface from a SPI peripheral like SPI
EEPROM. RBL will then transfer control to the UBL.
•
ARM ROM Boot - NAND Mode (See Section 3.12.2 for a full explanation of the differences between
Standard Mode and Compatibility Mode.):
–
No support for a full firmware boot. Instead, copies a second stage User Boot Loader (UBL) from
NAND flash to ARM internal RAM (AIM) and transfers control to the user-defined UBL.
–
Support for NAND with page sizes up to 8192 bytes in Standard Mode and 2048 bytes in
Compatibility Mode
Note: At the time of documentation for this device, 8192-byte devices were not available for testing.
The code does contain support for these devices; however, it has not yet been tested.
–
Support for magic number error detection and retry (up to 24 times) when loading UBL
–
Support for up to 30KB UBL (32KB IRAM - ~2KB for RBL stack)
Copyright © 2007–2010, Texas Instruments Incorporated
Detailed Device Description
89
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com