Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355CZCEA13 Datasheet(PDF) 50 Page - Texas Instruments

Part # TMS320DM355CZCEA13
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA13 Datasheet(HTML) 50 Page - Texas Instruments

Back Button TMS320DM355CZCEA13 Datasheet HTML 46Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 47Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 48Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 49Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 50Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 51Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 52Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 53Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 163 page
background image
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
Table 2-23. DM355 Pin Descriptions (continued)
Name
BGA
Type Group
Power
PU
Reset
Description(4)
Mux Control
ID
(1)
Supply(2)
PD(3)
State
MMCSD1_DAT
B16
I/O
MMC
VDD
in
MMCSD1: DATA3
PINMUX3[9:8].GIO2
A3 / GIO022 /
SD /
2
UART2_RTS
GIO /
UART
2
GIO: GIO[022]
UART2: RTS
MMCSD1_DAT
A16
I/O
MMC
VDD
in
MMCSD1: DATA2
PINMUX3[11:10].GI
A2 / GIO021 /
SD /
O21
UART2_CTS
GIO /
UART
2
GIO: GIO[021]
UART2: CTS
MMCSD1_DAT
B15
I/O
MMC
VDD
in
MMCSD1: DATA1
PINMUX3[13:12].GI
A1 / GIO020 /
SD /
O20
UART2_RXD
GIO /
UART
2
GIO: GIO[020]
UART2: Receive Data
MMCSD1_DAT
A18
I/O
MMC
VDD
in
MMCSD1: DATA0
PINMUX3[15:14].GI
A0 / GIO019 /
SD /
O19
UART2_TXD
GIO /
UART
2
GIO: GIO[019]
UART2: Transmit Data
CLKOUT1 /
D12
I/O
Clocks
VDD
in
CLKOUT: Output Clock 1
PINMUX3[16].GIO1
GIO018
/ GIO
8
GIO: GIO[018]
CLKOUT2 /
A11
I/O
Clocks
VDD
in
CLKOUT: Output Clock 2
PINMUX3[17].GIO1
GIO017
/ GIO
7
GIO: GIO[017]
CLKOUT3 /
C11
I/O
Clocks
VDD
in
CLKOUT: Output Clock 3
PINMUX3[18].GIO1
GIO016
/ GIO
6
GIO: GIO[016]
I2C_SDA /
R13
I/O
I2C /
VDD
in
I2C: Serial Data
PINMUX3[19].GIO1
GIO015
GIO
5
GIO: GIO[015]
I2C_SCL /
R14
I/O
I2C /
VDD
in
I2C: Serial Clock
PINMUX3[20].GIO1
GIO014
GIO
4
GIO: GIO[014]
UART1_RXD /
R15
I/O
UART
VDD
in
UART1: Receive Data
PINMUX3[21].GIO1
GIO013
1 /
3
GIO
GIO: GIO[013]
UART1_TXD /
R17
I/O
UART
VDD
in
UART1: Transmit Data
PINMUX3[22].GIO1
GIO012
1 /
2
GIO
GIO: GIO[012]
SPI1_SDENA[0]
E13
I/O
SPI1 /
VDD
in
SPI1: Chip Select 0
PINMUX3[23].GIO1
/ GIO011
GIO
1
GIO: GIO[011]
50
Device Overview
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com