Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355CZCEA13 Datasheet(PDF) 20 Page - Texas Instruments

Part # TMS320DM355CZCEA13
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA13 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMS320DM355CZCEA13 Datasheet HTML 16Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 17Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 18Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 19Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 20Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 21Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 22Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 23Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 163 page
background image
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
Table 2-8. Analog Video Terminal Functions
TERMINAL
TYPE(1)
OTHER(2)
DESCRIPTION
NAME
NO.
Video DAC: Reference voltage output (0.45V, 0.1uF to GND). When the DAC is not
VREF
J7
A I/O/Z
used, the VREF signal should be connected to VSS.
Video DAC: Pre video buffer DAC output (1000 ohm to VFB). When the DAC is not
IOUT
E1
A I/O/Z
used, the IOUT signal should be connected to VSS.
Video DAC: External resistor (2550 Ohms to GND) connection for current bias
IBIAS
F2
A I/O/Z
configuration. When the DAC is not used, the IBIAS signal should be connected to
VSS.
Video DAC: Pre video buffer DAC output (1000 Ohms to IOUT, 1070 Ohms to
VFB
G1
A I/O/Z
TVOUT). When the DAC is not used, the VFB signal should be connected to VSS.
Video DAC: Analog Composite NTSC/PAL output (SeeFigure 5-31 andFigure 5-32 for
TVOUT
F1
A I/O/Z
V
circuit connection). When the DAC is not used, the TVOUT signal should be left as a
No Connect or connected to VSS.
Video DAC: Analog 1.8V power. When the DAC is not used, the VDDA18_DAC signal
VDDA18_DAC
L7
PWR
should be connected to VSS.
Video DAC: Analog 1.8V ground. When the DAC is not used, the VSSA_DAC signal
VSSA_DAC
L8
GND
should be connected to VSS.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal. Specifies the operating I/O supply
voltage for each signal. See Section 5.3 , Power Supplies for more detail.
(2)
PD = pull-down, PU = pull-up. (To pull up a signal to the opposite supply rail, a 1 k
Ω resistor should be used.)
2.6
Asynchronous External Memory Interface (AEMIF)
The Asynchronous External Memory Interface (AEMIF) signals support AEMIF, NAND, and OneNAND.
Table 2-9. Asynchronous EMIF/NAND/OneNAND Terminal Functions
TERMINAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
EM_A13/
Async EMIF: Address bus bit[13]
PD
GIO067/
V19
I/O/Z
GIO: GIO[67]
VDD
BTSEL[1]
System: BTSEL[1:0] sampled at power-on-reset to determine boot method.
EM_A12/
Async EMIF: Address bus bit[12]
PD
GIO066/
U19
I/O/Z
GIO: GIO[66]
VDD
BTSEL[0]
System: BTSEL[1:0] sampled at power-on-reset to determine boot method.
Async EMIF: Address bus bit[11]
EM_A11/
PU
GIO: GIO[65]
GIO065/
R16
I/O/Z
VDD
AECFG[3:0] sampled at power-on-reset to AECFG configuration. AECFG[3] sets
AECFG[3]
default for PinMux2_EM_D15_8: AEMIF default bus width (16 or 8 bits)
Async EMIF: Address bus bit[10]
EM_A10/
GIO: GIO[64]
PU
GIO064/
R18
I/O/Z
AECFG[3:0] sampled at power-on-reset to AECFG configuration. AECFG[2:1]
VDD
AECFG[2]
sets default for PinMux2_EM_BA0: AEMIF EM_BA0 definition (EM_BA0,
EM_A14, GIO[054], rsvd)
Async EMIF: Address bus bit[09]
EM_A09/
GIO: GIO[63]
PD
GIO063/
P17
I/O/Z
AECFG[3:0] sampled at power-on-reset to AECFG configuration. AECFG[2:1]
VDD
AECFG[1]
sets default for PinMux2_EM_BA0: AEMIF EM_BA0 definition (EM_BA0,
EM_A14, GIO[054], rsvd)
Async EMIF: Address bus bit[08]
GIO: GIO[62]
EM_A08/
PU
AECFG[0] sets default for:
GIO062/
T19
I/O/Z
VDD
AECFG[0]
•
PinMux2_EM_A0_BA1: AEMIF address width (OneNAND or NAND)
•
PinMux2_EM_A13_3: AEMIF address width (OneNAND or NAND)
Async EMIF: Address bus bit[07]
EM_A07/
P16
I/O/Z
VDD
GIO: GIO[61]
GIO061
Used to drive boot status LED signal (active low) in ROM boot modes.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal.
(2)
Specifies the operating I/O supply voltage for each signal. See Section 5.3 , Power Supplies for more detail.
(3)
PD = pull-down, PU = pull-up. (To pull up a signal to the opposite supply rail, a 1 k
Ω resistor should be used.)
20
Device Overview
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com