Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355CZCEA13 Datasheet(PDF) 86 Page - Texas Instruments

Part # TMS320DM355CZCEA13
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA13 Datasheet(HTML) 86 Page - Texas Instruments

Back Button TMS320DM355CZCEA13 Datasheet HTML 82Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 83Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 84Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 85Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 86Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 87Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 88Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 89Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 163 page
background image
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
3.11.2 PLL Configuration
After POR, warm reset, and max reset, the PLLs and clocks are set to their default configurations. The
PLLs are in bypass mode and disabled by default. This means that the input reference clock at MXI1
(typically 24 MHz) drives the chip after reset. For more information on device clocking, see Section 3.5
and Section 3.6. The default state of the PLLs is reflected in the default state of the register bits in the
PLLC registers. Refer to TMS320DM35x Digital Media System-on-Chip (DMSoC) ARM Subsystem
Reference Guide (literature number SPRUFB3) for PLLC register descriptions.
3.11.3 Power Domain and Module State Configuration
Only a subset of modules are enabled after reset by default. Table 3-22 shows which modules are
enabled after reset. Table 3-22 as shows that the following modules are enabled depending on the
sampled state of the device configuration pins: EDMA (CC, TC0 and TC1), AEMIF, MMC/SD0, UART0,
and Timer0. For example, UART0 is enabled after reset when the device configuration pins (BTSEL[1:0] =
11 - Enable UART) select UART boot mode. For more information on module configuration refer to
TMS320DM35x Digital Media System-on-Chip (DMSoC) ARM Subsystem Reference Guide (literature
number SPRUFB3).
86
Detailed Device Description
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com