Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355CZCEA13 Datasheet(PDF) 101 Page - Texas Instruments

Part # TMS320DM355CZCEA13
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA13 Datasheet(HTML) 101 Page - Texas Instruments

Back Button TMS320DM355CZCEA13 Datasheet HTML 97Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 98Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 99Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 100Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 101Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 102Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 103Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 104Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 163 page
background image
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
4.3
Electrical Characteristics Over Recommended Ranges of Supply Voltage and
Operating Case Temperature (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS (1)
MIN
TYP
MAX
UNIT
VOH
High-level output voltage(2)
VDD=MIN, IOH=MAX
2.4
Voltage
V
Output
VOL
Low-level output voltage(2)
VDD=MIN, IOL=MAX
0.6
Input current for I/O without
II
VI = VSS to VDD
-1
1
internal pull-up/pull-down
Input current for I/O with
II(pullup)
VI = VSS to VDD
40
190
internal pull-up(3) (4)
Input current for I/O with
II(pulldown)
VI = VSS to VDD
-190
-40
internal pull-down(3) (4)
Current
Current sink of high-level
IOH
VOH = 2.4 V
-4000
mA
Input/Output
output current
Current sink of low-level
IOL
VOL = 0.6V
4000
output current
VO = VDD or VSS; internal pull
±20
disabled
IOZ
I/O off-state output current
VO = VDD or VSS; internal pull
±100
enabled
CI
Input capacitance
4
Capacitance
pF
CO
Output capacitance
4
Resolution
Resolution
10
Bits
RLOAD = 499 Ω, Video buffer
INL
Integral non-linearity, best fit
1
LSB
disabled
DAC
RLOAD = 499 Ω, Video buffer
DNL
Differential non-linearity
0.5
LSB
disabled
Compliance Output compliance range
IFS = 1.4 mA, RLOAD = 499 Ω
0
0.700
V
Output high voltage (top of
VOH(VIDBUF)
75% NTSC or PAL
1.55
colorbar)(5)
Video Buffer
V
Output low voltage (bottom of
VOL(VIDBUF)
0.470
sync tip)
(1)
For test conditions shown as MIN, MAX, or NOM, use the appropriate value specified in the recommended operating conditions table.
(2)
These I/O specifications apply to regular 3.3 V I/Os and do not apply to DDR2/mDDR, USB I/Os. DDR2/mDDR I/Os are 1.8 V I/Os and
adhere to JESD79-2A standard, USB I/Os adhere to USB2.0 spec.
(3)
This specification applies only to pins with an internal pullup (PU) or pulldown (PD). See Section 2.4 or Section 2.20 for pin descriptions.
(4)
To pull up a signal to the opposite supply rail, a 1 k
Ω resistor is recommended.
(5)
100% color bars are not supported. 100% color bars require 1.2 V peak-to-peak. The video buffer only provides 1.0 V peak-to-peak.
Copyright © 2007–2010, Texas Instruments Incorporated
Device Operating Conditions
101
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com