Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355CZCEA13 Datasheet(PDF) 109 Page - Texas Instruments

Part # TMS320DM355CZCEA13
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA13 Datasheet(HTML) 109 Page - Texas Instruments

Back Button TMS320DM355CZCEA13 Datasheet HTML 105Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 106Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 107Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 108Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 109Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 110Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 111Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 112Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 163 page
background image
CLKOUT1
1
2
4
4
MXI/CLKIN
5
6
3
MXI/CLKIN
CLKOUT2
1
2
3
4
5
6
4
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
Table 5-7. Switching Characteristics Over Recommended Operating Conditions for CLKOUT1(1) (2) (see
Figure 5-9)
DM355
NO.
PARAMETER
UNIT
MIN
TYP
MAX
1
tC(CLKOUT1)
Cycle time, CLKOUT1
tc(MXI1)
ns
2
tw(CLKOUT1H)
Pulse duration, CLKOUT1 high
0.45P
0.55P
ns
3
tw(CLKOUT1L)
Pulse duration, CLKOUT1 low
0.45P
0.55P
ns
4
tt(CLKOUT1)
Transition time, CLKOUT1
0.05P
ns
5
td(MXI1H-CLKOUT1H)
Delay time, MXI1/CLKIN1 high to CLKOUT1 high
1
8
ns
6
td(MXI1L-CLKOUT1L)
Delay time, MXI1/CLKIN1I low to CLKOUT1 low
1
8
ns
(1)
The reference points for the rise and fall transitions are measured at VOL MAX and VOHMIN.
(2)
P = 1/CLKOUT1 clock frequency in nanoseconds (ns). For example, when CLKOUT1 frequency is 24 MHz use P = 41.6 ns.
Figure 5-9. CLKOUT1 Timing
Table 5-8. Switching Characteristics Over Recommended Operating Conditions for CLKOUT2(1) (2) (see
Figure 5-10)
DM355
NO.
PARAMETER
UNIT
MIN
TYP
MAX
1
tC(CLKOUT2)
Cycle time, CLKOUT2
tc(MXI1) /3
2
tw(CLKOUT2H)
Pulse duration, CLKOUT2 high
0.45P
0.55P
ns
3
tw(CLKOUT2L)
Pulse duration, CLKOUT2 low
0.45P
0.55P
ns
4
tt(CLKOUT2)
Transition time, CLKOUT2
0.05P
ns
5
td(MXI1H-CLKOUT2H)
Delay time, MXI1/CLKIN1 high to CLKOUT2 high
1
8
ns
6
td(MXI1L-CLKOUT2L)
Delay time, MXI1/CLKIN1 low to CLKOUT2 low
1
8
ns
(1)
The reference points for the rise and fall transitions are measured at VOL MAX and VOHMIN.
(2)
P = 1/CLKOUT2 clock frequency in nanoseconds (ns). For example, when CLKOUT2 frequency is 8 MHz use P = 125 ns.
Figure 5-10. CLKOUT2 Timing
Table 5-9. Switching Characteristics Over Recommended Operating Conditions for CLKOUT3(1) (2) (see
(1)
The reference points for the rise and fall transitions are measured at VOL MAX and VOHMIN.
(2)
P = 1/CLKOUT3 clock frequency in nanoseconds (ns). For example, when CLKOUT3 frequency is 3 MHz use P = 333.3 ns.
Copyright © 2007–2010, Texas Instruments Incorporated
DM355 Peripheral Information and Electrical Specifications
109
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com