Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355CZCEA13 Datasheet(PDF) 114 Page - Texas Instruments

Part # TMS320DM355CZCEA13
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA13 Datasheet(HTML) 114 Page - Texas Instruments

Back Button TMS320DM355CZCEA13 Datasheet HTML 110Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 111Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 112Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 113Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 114Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 115Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 116Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 117Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 118Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 163 page
background image
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
5.7.1.3
AEMIF Electrical Data/Timing
Table 5-13. Timing Requirements for Asynchronous Memory Cycles for AEMIF Module(1) (see Figure 5-14
and Figure 5-15)
DM355
NO
PARAMETER
UNIT
.
MIN
Nom
MAX
READS and WRITES
Pulse duration, EM_WAIT assertion and
2
tw(EM_WAIT)
2E
ns
deassertion
READS
12
tsu(EMDV-EMOEH)
Setup time, EM_D[15:0] valid before EM_OE high
5
ns
13
th(EMOEH-EMDIV)
Hold time, EM_D[15:0] valid after EM_OE high
0
ns
tsu
Setup time EM_WAIT asserted before EM_OE
14
4E
ns
(EMOEL-EMWAIT)
high(2)
READS (OneNAND Synchronous Burst Read)
Setup time, EM_D[15:0] valid before EM_CLK
30
tsu(EMDV-EMCLKH)
4
ns
high
31
th(EMCLKH-EMDIV)
Hold time, EM_D[15:0] valid after EM_CLK high
4
ns
WRITES
tsu
Setup time, EM_WAIT asserted before EM_WE
28
4E
ns
(EMWEL-EMWAIT)
high(2)
(1)
E = PLLC1 SYSCLK2 period in ns. SYSCLK2 is the EMIF peripheral clock. SYSCLK2 is one-fourth the PLLC output clock. For example,
when PLLC output clock = 432 MHz, E = 9.259 ns. See Section 3.5 for more information.
(2)
Setup before end of STROBE phase (if no extended wait states are inserted) by which EM_WAIT must be asserted to add extended
wait states. Figure 5-16 and Figure 5-17 describe EMIF transactions that include extended wait states inserted during the STROBE
phase. However, cycles inserted as part of this extended wait period should not be counted; the 4E requirement is to the start of where
the HOLD phase would begin if there were no extended wait cycles.
Table 5-14. Switching Characteristics Over Recommended Operating Conditions for Asynchronous
Memory Cycles for AEMIF Module(1) (2) (3) (see Figure 5-14 and Figure 5-15)
DM355
UNI
NO.
PARAMETER
T
MIN
Nom
MAX
READS and WRITES
1
td(TURNAROUND)
Turn around time
(TA)*E
ns
READS
EMIF read cycle time (EW = 0)
(RS+RST+RH)*E
ns
3
tc(EMRCYCLE)
(RS+RST+RH+(EWC*
EMIF read cycle time (EW = 1)
ns
16))*E
Output setup time, EM_CE[1:0] low to
(RS)*E
ns
EM_OE low (SS = 0)
4
tsu(EMCEL-EMOEL)
Output setup time, EM_CE[1:0] low to
0
ns
EM_OE low (SS = 1)
Output hold time, EM_OE high to
(RH)*E
ns
EM_CE[1:0] high (SS = 0)
5
th(EMOEH-EMCEH)
Output hold time, EM_OE high to
0
ns
EM_CE[1:0] high (SS = 1)
(1)
TA = Turn around, RS = Read setup, RST = Read strobe, RH = Read hold, WS = Write setup, WST = Write strobe, WH = Write hold,
MEWC = Maximum external wait cycles. These parameters are programmed via the Asynchronous Bank and Asynchronous Wait Cycle
Configuration Registers. These support the following range of values: TA[4-1], RS[16-1], RST[64-1], RH[8-1], WS[16-1], WST[64-1],
WH[8-1], and MEW[1-256]. See the TMS320DM355 DMSoC Asynchronous External Memory Interface (EMIF) User's Guide (literature
number SPRUED1) for more information.
(2)
E = PLLC1 SYSCLK2 period in ns. SYSCLK2 is the EMIF peripheral clock. SYSCLK2 is one-fourth the PLLC output clock. For example,
when PLLC output clock = 432 MHz, E = 9.259 ns. See Section 3.5 for more information
(3)
EWC = external wait cycles determined by EM_WAIT input signal. EWC supports the following range of values EWC[256-1]. Note that
the maximum wait time before timeout is specified by bit field MEWC in the Asynchronous Wait Cycle Configuration Register. See the
TMS320DM355 DMSoC Asynchronous External Memory Interface (EMIF) User's Guide (literature number SPRUED1) for more
information.
114
DM355 Peripheral Information and Electrical Specifications
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com