Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355CZCEA13 Datasheet(PDF) 138 Page - Texas Instruments

Part # TMS320DM355CZCEA13
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA13 Datasheet(HTML) 138 Page - Texas Instruments

Back Button TMS320DM355CZCEA13 Datasheet HTML 134Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 135Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 136Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 137Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 138Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 139Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 140Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 141Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 142Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 163 page
background image
SPIx_CLK
(ClockPolarity=0)
1
2
3
SPIx_CLK
(ClockPolarity=1)
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
5.12
Serial Port Interface (SPI)
The DM355 contains 3 separate SPI modules. These modules provide a programmable length shift
register which allows serial communication with other SPI devices through a 3 or 4 wire interface (Clock,
Data In, Data Out, and Enable). The SPI supports the following features:
•
Master mode operation
•
2 chip selects for interfacing to multiple slave SPI devices.
•
3 or 4 wire interface (Clock, Data In, Data Out, and Enable)
•
Unique interrupt for each SPI port
•
Separate DMA events for SPI Receive and Transmit
•
16-bit shift register
•
Receive buffer register
•
Programmable character length (2 to 16 bits)
•
Programmable SPI clock frequency range
•
8-bit clock prescaler
•
Programmable clock phase (delay or no delay)
•
Programmable clock polarity
The SPI modules do not support the following features:
•
Slave mode. Only Master mode is supported in DM355 (Master mode means that DM355 provides the
serial clock).
•
GPIO mode. GPIO functionality is supported by the GIO modules for those SPI pins that are
multiplexed with GPIO signals.
5.12.1 SPI Electrical Data/Timing
Table 5-28. Timing Requirements for SPI (All Modes)(1) (see Figure 5-36)
DM355
NO.
PARAMETER
UNIT
MIN
MAX
1
tc(CLK)
Cycle time, SPI_CLK
37.037 ns
ns
2
tw(CLKH)
Pulse duration, SPI_CLK high (All Master Modes)
0.45*T
0.55*T
ns
3
tw(CLKL)
Pulse duration, SPI_CLK low (All Master Modes
0.45*T
0.55*T
ns
(1)
T = tc(CLK) = SPI_CLK period is equal to the SPI module clock divided by a configurable divider.
Figure 5-36. SPI_CLK Timing
138
DM355 Peripheral Information and Electrical Specifications
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com