Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF211DAI-R Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT86RF211DAI-R
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211DAI-R Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT86RF211DAI-R Datasheet HTML 6Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 7Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 8Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 9Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 10Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 11Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 12Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 13Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
10
AT86RF211
1942C–WIRE–06/02
Overview and Choice of
Intermediate Frequencies
For selectivity and flexibility purpose, a classical and robust 2 IF superheterodyne archi-
tecture has been selected for the AT86RF211. In order to minimize the external
components cost, the most popular IF values have been chosen. The impedances of the
input/output of the mixing stages have been internally matched to the most usual
ceramic filter impedances.
Two typical IF values are suggested:
•
10.7 MHz is the most popular option.
•
21.4 MHz: the image frequency is far enough from the carrier frequency to enable
the use of a front-end ceramic filter instead of a SAW filter. It is also noticeable that
21.4 MHz quartz filters usually have more abrupt slopes than 10.7 MHz ceramic
filters.
Rx - Tx Switch
A SPST switch is integrated. In the transmission mode, it protects the LNA input from
the large voltage swings of the PA output (up to several volts peak-to-peak), which is
switched to a high impedance state. It is automatically turned ON or OFF by the RX/TX
control bit. The insertion loss is about 2 dB and the reverse isolation about 30 dB in a
300
Ω environment.
Image Rejection and RF Filter
The immunity of the AT86RF211 can be improved with an external band-pass filter.
For example, when using a SAW Filter, this device must be matched with the LNA input
and the switch output. The following scheme gives the typical implementation for an
868 MHz application with a 50
Ω/50Ω SAW filter.
Figure 9. Typical 50
Ω SAW Filter Implementation in the 868 MHz Band
See Table 2 for precise matching information.
The SAW filter can be replaced by a TEM ceramic, helicoidal or a ceramic coax
λ/4 res-
onator designed as a narrow band-pass filter. For instance, with an IF selected at
10.7 MHz, a -3 dB bandwidth of 5 MHz, with an insertion loss of 1 dB and an image
rejection of 12 dB can be achieved with the following:
RXIN
SPST Switch
50
Ω
12 nH
2.2 nH
SWOUT (pin 48)
(pin 45)
SAW
These inductors can be printed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com