Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF211DAI-R Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT86RF211DAI-R
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211DAI-R Datasheet(HTML) 4 Page - ATMEL Corporation

  AT86RF211DAI-R Datasheet HTML 1Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 2Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 3Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 4Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 5Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 6Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 7Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 8Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
4
AT86RF211
1942C–WIRE–06/02
Figure 2. Wake-up Overview
Figure 3. Periodical Scan
Header + Address
Step 3: If a correct header is received (mandatory)
and address matches (if any), the data field
is then stored into AT86RF211 and WAKEUP pin is
activated (to wake-up the Microcontroller).
The Microcontroller will then read the data into one
of its registers, and begin a relevant procedure.
Note: Data field is optional: the chip can be simply
woken-up with no dedicated data.
AT86RF211 (TRX01)
Wake-up mode
3
Companion Microcontroller
WAKEUP pin
Step 2: The chip wakes-up periodically,
waiting for an expected message
(stand-alone operation)
Step 1: The chip is set up in sleep mode
using the 3-wire interface (SLE, SCK,
SDATA), then Microcontroller goes to sleep,
waiting for an interrupt on WAKEUP pin
Data stored
Data field
Reception mode
Short reception window
Oscillator settling
Sleep mode
Wake Up period
Timing
Power
Consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com