Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF211DAI-R Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT86RF211DAI-R
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211DAI-R Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT86RF211DAI-R Datasheet HTML 30Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 31Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 32Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 33Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 34Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 35Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 36Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 37Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
34
AT86RF211
1942C–WIRE–06/02
DTR Register
The DTR register allows the user to precisely adjust the offset of the data slicer input.
Register reset value = (20)
16
Table 11. Status Register Detailed Description
Name
Number
of bits
Comments
PLLL
1
PLL Lock flag
0: PLL unlocked
1: PLL locked
reset value: 0
MRSSI
6
Measured RSSI level
reset value: (00)
16
MVCC
6
Measured V
CC power supply voltage or discriminator output when
MOFFSET = 1
reset value: (00)
16
WAKEUP
1
WAKEUP flag
Copy of the WAKEUP pin, but not affected by polarity selection.
0: no wake-up message received
1: wake-up message received
reset value: 0
-1
Reserved
reset value: 0
MSGERR
1
Wake-up message error in test message mode
0: no error detected in the received message
1: message received with error
reset value: 0
MSGDATL
5
Wake-up message data length
length of the data stored in WUD (received message).
reset value: 0
MSGMRATE
10
Wake-up message measured data rate
bit period extracted from message header of the wake-up
message.
Measured as a multiple of 1.56 µs (like RATE in WUR register).
0: 1 x 1.56 µs
(vv)
10: vv x 1.56 µs
(3ff)
16: 1024 x 1.56 µs
reset value: (000)
16
Table 12. DTR Overview
Name
DSREF[3:0]
DISCHIGH
DISCLOW
nbit
5-2
1
0
init
(1000)2
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com