Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF211DAI-R Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT86RF211DAI-R
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211DAI-R Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT86RF211DAI-R Datasheet HTML 7Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 8Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 9Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 10Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 11Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 12Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 13Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 14Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
11
AT86RF211
1942C–WIRE–06/02
Figure 10. TEM Filter
Such a filter also provides an out-of-band interference rejection greater than 20dB,
40 MHzawayfrom 433 MHz.
First LNA/Mixer
The main characteristics of the LNA/Mixer are typically:
•
Voltage gain: 17 dB for the LNA/Mixer; 11 dB if gain min. is selected
•
Bandwidth: 1.2 GHz
•
Noise figure of LNA alone: 3 dB at 900 MHz, best matching
•
Noise figure of LNA + mixer:
8 dB at 900 MHz, with maximum gain and best matching
12 dB at 900 MHz, with minimum gain and best matching
•
1 dB compression point: -20 dBm at the input of LNA
•
Matching:
Notes:
1. RXIN: impedance to be seen by LNA input for NF optimization purpose
2. SWOUT: output impedance of the RF switch
The gain is programmable through bit 25 of CTRL1 register (6dB attenuation when min
gain is selected). The choice for the matching between the SWITCH and the LNA
depends mainly on the chosen SAW filter. Usually in/out impedance of SAW filters is
50
Ω, but other ones can be implemented and the matching network recalculated thanks
to the previous impedance table.
The LNA is directly coupled to the first mixer. Input and output of the LNA/Mixer must be
connected through a capacitive link because of their internal DC coupling. A SAW or
ceramic filter provides such a link.
1 pF
1 pF
Zc = 7
Ω
l = 0.75
(19 mm)
λ /4
TEM
Table 2. Matching Information
Frequency Band
RXIN
(1)
SWOUT
(2)
433 MHz
35 + j 170
Ω
24 - j 43
Ω
868 MHz
37 + j 85
Ω
50 - j 42
Ω
915 MHz
30 + j 85
Ω
50 - j 42
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com