Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF211DAI-R Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT86RF211DAI-R
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211DAI-R Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT86RF211DAI-R Datasheet HTML 35Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 36Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 37Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 38Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 39Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 40Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 41Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 42Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
39
AT86RF211
1942C–WIRE–06/02
The data rate (in bps) and the decimal value to be coded in the register are related by
the equation:
The following table gives the programming values of commonly used rates:
Wake Up Address Register
(WUA)
Concerning this register, attention should be paid to the fact that the last bit of the
address field is not taken into account when testing the address field that is received.
Thus the last bit must be programmed and counted in the address length but it can be
either "0" or "1".
Rate
WUR RATE
1200 bits/sec
(533)
10
2400 bits/sec
(267)
10
4800 bits/sec
(133)
10
9600 bits/sec
(67)
10
RATE
640000
rate (bps)
-------------------------
=
Table 21. WUA Overview
Name
ADDL
ADD
nbit
24-20
19-0
init
(01001)
2
(0f0f0)
16
Table 22. WUA Detailed Description
Name
Number of bits
Comments
ADDL
5
Wake-up address length
0: wake-up address length = 1 bit
1: wake-up address length = 2 bits
..........
(19)10: wake-up address length = 20 bits
>(19)
10: forbidden
resetvalue:10bits
ADD
20
Wake-up address
If wake-up address length is less than 20 bits, MSB bits are ignored
reset value: (0f0f0)
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com