Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF211DAI-R Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT86RF211DAI-R
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211DAI-R Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT86RF211DAI-R Datasheet HTML 21Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 22Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 23Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 24Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 25Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 26Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 27Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 28Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
25
AT86RF211
1942C–WIRE–06/02
Figure 33. Chronogram with Timing
Note:
For the timing specification, please refer to the timing table “Digital CMOS DC Characteristics” on page 42.
Registers
Note:
All the registers must be reprogrammed after the voltage supply has been removed, otherwise they will be in the default state
A[0]
A[1]
A[2]
A[3]
R/W
SCK
SDATA
SLE
D[9 ]
D[8]
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
INPUT
OUTPUT
INPUT
SDATA
direction
tdle
T
tw
thd
tsd
tpzon
tpd
tpzd
tdle
tw
Table 4. Registers Overview
Name
Address A[3:0]
Nbits
Read-Write
Comments
F0
(0000)
2
32
R-W
F0 Frequency Code
F1
(0001)2
32
R-W
F1 Frequency Code
F2
(0010)
2
32
R-W
F2 Frequency Code
F3
(0011)
2
32
R-W
F3 Frequency Code
CTRL1
(0100)2
32
R-W
Main Control Register
STAT
(0101)
2
31
R
Status Register
DTR
(0110)
2
6
R-W
Data Slicer Reference/Discriminator offset adjusting
WUC
(0111)2
32
R-W
Wake-up Control Register
WUR
(1000)
2
18
R-W
Wake-up Data Rate Register
WUA
(1001)
2
25
R-W
Wake-up Address Register
WUD
(1010)2
32
R
Wake-up Data Register
RESET
(1011)
2
1W
Reset
-
(1100)
2
Reserved
-
(1101)2
Reserved
-
(1110)
2
Reserved
CTRL2
(1111)
2
32
R-W
Control Register (Lock Detect - Clock Recovery)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com