Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF211DAI-R Datasheet(PDF) 44 Page - ATMEL Corporation

Part # AT86RF211DAI-R
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211DAI-R Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button AT86RF211DAI-R Datasheet HTML 40Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 41Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 42Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 43Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 44Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 45Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 46Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 47Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 48Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
44
AT86RF211
1942C–WIRE–06/02
Transmitter Specification Unless otherwise specified, data is given for T = 25°C, V
SUPPLY =2.7V,
R
POWER =18kΩ.
Notes:
1. Output power for R
power =10kΩ and TXLVL = "111"
2. The maximum power is set by an external resistor, connected to pin R
POWER. The output power can be digitally pro-
grammed/re-programmed, up to -12 dB below this limit, by means of a 3-bit word: TXLVL of CTRL1 register.
3. The output power is regulated against process, temperature and power supply variations by an internal ALC loop.
Parameter
Min
Typ
Max
Unit
Comments
Output Power
+10
+14
dBm
433 MHz band
(1)
Output Power
+10
+12
dBm
868 MHz band
(1)
Output Power
+8
+10
dBm
915 MHz band
(1)
Output Power Dynamic Range
12
dB
Digital programming
(2)
Automatic Level Control Accuracy
1
dB
Constant conditions
Automatic Level Control Accuracy
± 2
dB
Against V
CC,T°
(3)
FSK Data Rate
64
kbps
RX to TX Toggle Time
200
µs
Typical loop filter implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com