Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF211DAI-R Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT86RF211DAI-R
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211DAI-R Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT86RF211DAI-R Datasheet HTML 11Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 12Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 13Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 14Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 15Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 16Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 17Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 18Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
15
AT86RF211
1942C–WIRE–06/02
RSSI Output
The RSSI value can be read as a 6 bits word in the STATUS register. Its value is linear
in dB as plotted below:
Figure 18. Typical RSSI output (board implementation, T = 25°C, V
CC =3V)
Note:
Should the RSSI be required for accurate measurement purpose (precision better than 5 dB), then it is possible to measure one
value with a calibrated RF source and store it into the microcontroller, during the production testing.
The RSSI dynamic range is 50 dB from -95 dBm to -45 dBm RF input signal power, over
temperature and power supply ranges. The RSSI LSB’s value weighs about 1.3 dB in
the linear area. The RSSI value is measured from the IF2 chain.
The RSSI is periodically measured thanks to a successive approximation ADC with a
12 µs clock. Thereafter, the time needed to complete the right code depends on the
power step: a 10 dB step on the aerial leads to a 10/1.3 = 8 clock cycles, i.e. 96 µs (full
range from code 0 to 63 = 756 µs). Its value can be compared with a user predefined
value (TRSSI), so that the demodulated data is enabled only if the RSSI value is above
this threshold. Some hysteresis effect may be added (see CTRL1 register’s content).
The AT86RF211 also has the possibility to measure another voltage. The ADC measur-
ing the RSSI can be turned into voltage or discriminator output DC level measurement.
RSSI Output
0
10
20
30
40
50
60
70
-110
-100
-90
-80
-70
-60
-50
-40
-30
Power Level at Antenna Input Port (dBm)
Dynam ic Range: 50dB
Dispersion: +/-5dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com